Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V657S12DRGI8 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 70V657S12DRGI8
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V657S12DRGI8 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 70V657S12DRGI8 Datasheet HTML 6Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 7Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 8Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 9Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 10Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 11Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 12Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 13Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
IDT70V659/58/57S
High-Speed 3.3V 128/64/32K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
AC Test Conditions (VDDQ - 3.3V/2.5V)
Figure 1. AC Output Test load.
Figure 2. Output Test Load
(For tCKLZ, tCKHZ, tOLZ, and tOHZ).
*Including scope and jig.
Figure 3. Typical Output Derating (Lumped Capacitive Load).
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V / GND to 2.5V
2ns Max.
1.5V/1.25V
1.5V/1.25V
Figures 1 and 2
4869 tbl 11
1.5V/1.25
50
50
4869 drw 03
10pF
(Tester)
DATAOUT
,
4869 drw 04
590
5pF*
435
3.3V
DATAOUT
,
833
5pF*
770
2.5V
DATAOUT
,
-1
1
2
3
4
5
6
7
20.5
30
50
80
100
200
10.5pF is the I/O capacitance of this
device, and 10pF is the AC Test Load
Capacitance.
Capacitance (pF)
∆tAA
(Typical, ns)
4869 drw 05
,


Similar Part No. - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V657S12DRGI RENESAS-70V657S12DRGI Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results

Similar Description - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
April 27, 2000
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com