Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V657S12DRGI8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 70V657S12DRGI8
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V657S12DRGI8 Datasheet(HTML) 1 Page - Integrated Device Technology

  70V657S12DRGI8 Datasheet HTML 1Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 2Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 3Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 4Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 5Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 6Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 7Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 8Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
©2018 Integrated Device Technology, Inc.
1
JUNE 2018
DSC-4869/8
CE0R
R/
WR
CE1R
BE0R
BE1R
BE2R
BE3R
128/64/32K x 36
MEMORY
ARRAY
Address
Decoder
A16R(1)
A0R
Address
Decoder
CE0L
R/
WL
CE1L
BE0L
BE1L
BE2L
BE3L
Dout0-8_L
Dout9-17_L
Dout18-26_L
Dout27-35_L
Dout0-8_R
Dout9-17_R
Dout18-26_R
Dout27-35_R
B
E
0
L
B
E
1
L
B
E
2
L
B
E
3
L
B
E
3
R
B
E
2
R
B
E
1
R
B
E
0
R
I/O0L- I/O35L
A16 L(1)
A0L
I/O0R -I/O35R
Di n_L
ADDR_L
Di n_R
ADDR_R
OER
OEL
ARBITRATION
INTERRUPT
SEMAPHORE
LOGIC
SEML
INTL(3)
BUSYL(2,3)
M/
S
R/
WL
OEL
R/
WR
OER
CE0L
CE1L
CE0R
CE1R
BUSYR(2,3)
SEMR
INTR(3)
TMS
TCK
TRST
TDI
TDO
JTAG
4869 drw 01
Functional Block Diagram
Full on-chip hardware support of semaphore signaling
between ports
Fully asynchronous operation from either port
Separate byte controls for multiplexed bus and bus
matching compatibility
Supports JTAG features compliant to IEEE 1149.1
LVTTL-compatible, single 3.3V (±150mV) power supply for
core
LVTTL-compatible, selectable 3.3V (±150mV)/2.5V (±100mV)
power supply for I/Os and control signals on each port
Available in a 208-pin Plastic Quad Flatpack, 208-ball fine
pitch Ball Grid Array, and 256-ball Ball Grid Array
Industrial temperature range (–40°C to +85°C) is available
for selected speeds
Green parts available, see ordering information
Features
True Dual-Port memory cells which allow simultaneous
access of the same memory location
High-speed access
– Commercial: 10/12/15ns (max.)
– Industrial: 12/15ns (max.)
Dual chip enables allow for depth expansion without
external logic
IDT70V659/58/57 easily expands data bus width to 72 bits
or more using the Master/Slave select when cascading
more than one device
M/S = VIH for BUSY output flag on Master,
M/S = VIL for BUSY input on Slave
Busy and Interrupt Flags
On-chip port arbitration logic
HIGH-SPEED 3.3V
128/64/32K x 36
ASYNCHRONOUS DUAL-PORT
STATIC RAM
IDT70V659/58/57S
1. A16 is a NC for IDT70V658. Also, Addresses A16 and A15 are NC's for IDT70V657.
2. BUSY is an input as a Slave (M/S=VIL) and an output when it is a Master (M/S=VIH).
3. BUSY and INT are non-tri-state totem-pole outputs (push-pull).
NOTES:
LEAD FINISH (SnPb) ARE IN EOL PROCESS - LAST TIME BUY EXPIRES JUNE 15, 2018


Similar Part No. - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V657S12DRGI RENESAS-70V657S12DRGI Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results

Similar Description - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
April 27, 2000
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com