Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V657S12DRGI8 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 70V657S12DRGI8
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V657S12DRGI8 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 70V657S12DRGI8 Datasheet HTML 4Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 5Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 6Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 7Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 8Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 9Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 10Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 11Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
IDT70V659/58/57S
High-Speed 3.3V 128/64/32K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
8
Absolute Maximum Ratings(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect reliability.
2. VTERM must not exceed VDD + 150mV for more than 25% of the cycle time
or 4ns maximum, and is limited to < 20mA for the period of VTERM > VDD
+ 150mV.
3. Ambient Temperature under DC Bias. No AC Conditions. Chip Deselected.
Symbol
Rating
Commercial
& Industrial
Unit
VTERM(2)
(VDD)
VDD Terminal Voltage
with Respect to GND
-0.5 to + 4.6
V
TBIAS(3)
Temperature Under Bias
-55 to +125
o
C
TSTG
Storage Temperature
-65 to +150
o
C
TJN
Junction Temperature
+150
o
C
IOUT(For VDDQ = 3.3V) DC Output Current
50
mA
IOUT(For VDDQ = 2.5V) DC Output Current
40
mA
4869 tbl 05
Recommended DC Operating
Conditions with VDDQ at 3.3V
NOTES:
1. VIL > -1.5V for pulse width less than 10 ns.
2. VTERM must not exceed VDDQ + 150mV.
3. To select operation at 3.3V levels on the I/Os and controls of a given port, the
OPT pin for that port must be set to VDD (3.3V), and VDDQX for that port must be
supplied as indicated above.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Core Supply Voltage
3.15
3.3
3.45
V
VDDQ
I/O Supply Voltage(3)
3.15
3.3
3.45
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage
(Address & Control Inputs)(3)
2.0
____
VDDQ + 150mV(2)
V
VIH
Input High Voltage - I/O(3)
2.0
____
VDDQ + 150mV(2)
V
VIL
Input Low Voltage
-0.3(1)
____
0.8
V
4869 tbl 07
Recommended DC Operating
Conditions with VDDQ at 2.5V
NOTES:
1. VIL > -1.5V for pulse width less than 10 ns.
2. VTERM must not exceed VDDQ + 100mV.
3. To select operation at 2.5V levels on the I/Os and controls of a given port, the
OPT pin for that port must be set to VSS (0V), and VDDQX for that port must be
supplied as indicated above.
Symbol
Parameter
Min. Typ.
Max.
Unit
VDD
Core Supply Voltage
3.15
3.3
3.45
V
VDDQ
I/O Supply Voltage(3)
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIH
Input High Voltage(3)
(Address & Control Inputs)
1.7
____
VDDQ + 100mV(2)
V
VIH
Input High Voltage - I/O(3)
1.7
____
VDDQ + 100mV(2)
V
VIL
Input Low Voltage
-0.5(1)
____
0.7
V
4869 tbl 06
Maximum Operating
Temperature and Supply Voltage(1)
NOTE:
1. This is the parameter TA. This is the "instant on" case temperature.
Grade
Ambient
Temperature
GND
VDD
Commercial
0OC to +70OC0V
3.3V
+ 150mV
Industrial
-40OC to +85OC0V
3.3V
+ 150mV
4869 tbl 04
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. COUT also references CI/O.
Capacitance(1)
(TA = +25°C, F = 1.0MHZ) PQFP ONLY
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
COUT(2)
Output Capacitance
VOUT = 0V
10.5
pF
4869 tbl 08


Similar Part No. - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V657S12DRGI RENESAS-70V657S12DRGI Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results

Similar Description - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
April 27, 2000
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com