Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V657S12DRGI8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 70V657S12DRGI8
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V657S12DRGI8 Datasheet(HTML) 4 Page - Integrated Device Technology

  70V657S12DRGI8 Datasheet HTML 1Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 2Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 3Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 4Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 5Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 6Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 7Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 8Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
IDT70V659/58/57S
High-Speed 3.3V 128/64/32K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Pin Configurations(3,4,5,6,7,8
,5,6,7,8
,5,6,7,8
,5,6,7,8
,5,6,7,8)
(con't.)
E16
I/O14R
D16
I/O16R
C16
I/O16L
B16
NC
A16
NC
A15
NC
B15
I/O17L
C15
I/O17R
D15
I/O15L
E15
I/O14L
E14
I/O13L
D14
I/O15R
D13
VDD
C12
A6L
C14
OPTL
B14
NC
A14
A0L
A12
A5L
B12
A4L
C11
BUSYL
D12
VDDQR
D11
VDDQR
C10
SEML
B11
NC
A11
INTL
D8
VDDQR
C8
BE1L
A9
CE1L
D9
VDDQL
C9
BE0L
B9
CE0L
D10
VDDQL
C7
A7L
B8
BE3L
A8
BE2L
B13
A1L
A13
A2L
A10
OEL
D7
VDDQR
B7
A9L
A7
A8L
B6
A12L
C6
A10L
D6
VDDQL
A5
A14L
B5
C5
A13L
D5
VDDQL
A4
NC
B4
NC
C4
A16L(1)
D4
VDD
A3
NC
B3
TDO
C3
VSS
D3
I/O20L
D2
I/O19R
C2
I/O19L
B2
NC
A2
TDI
A1
NC
B1
I/O18L
C1
I/O18R
D1
I/O20R
E1
I/O21R
E2
I/O21L
E3
I/O22L
E4
VDDQL
F1
I/O23L
F2
I/O22R
F3
I/O23R
F4
VDDQL
G1
I/O24R
G2
I/O24L
G3
I/O25L
G4
VDDQR
H1
I/O26L
H2
I/O25R
H3
I/O26R
H4
VDDQR
J1
I/O27L
J2
I/O28R
J3
I/O27R
J4
VDDQL
K1
I/O29R
K2
I/O29L
K3
I/O28L
K4
VDDQL
L1
I/O30L
L2
I/O31R
L3
I/O30R
L4
VDDQR
M1
I/O32R
M2
I/O32L
M3
I/O31L
M4
VDDQR
N1
I/O33L
N2
I/O34R
N3
I/O33R
N4
VDD
P1
I/O35R
P2
I/O34L
P3
TMS
P4
A16R(1)
R1
I/O35L
R2
NC
R3
TRST
R4
NC
T1
NC
T2
TCK
T3
NC
T4
NC
P5
A13R
R5
A15R(2)
P12
A6R
P8
BE1R
P9
BE0R
R8
BE3R
T8
BE2R
P10
SEMR
T11
INTR
P11
BUSYR
R12
A4R
T12
A5R
P13
A3R
P7
A7R
R13
A1R
T13
A2R
R6
A12R
T5
A14R
T14
A0R
R14
OPTR
P14
I/O0L
P15
I/O0R
R15
NC
T15
NC
T16
NC
R16
NC
P16
I/O1L
N16
I/O2R
N15
I/O1R
N14
I/O2L
M16
I/O4L
M15
I/O3L
M14
I/O3R
L16
I/O5R
L15
I/O4R
L14
I/O5L
K16
I/O7L
K15
I/O6L
K14
I/O6R
J16
I/O8L
J15
I/O7R
J14
I/O8R
H16
I/O10R
H15
IO9L
H14
I/O9R
G16
I/O11R
G15
I/O11L
G14
I/O10L
F16
I/O12L
F14
I/O12R
F15
I/O13R
R9
CE0R
R11
M/
S
T6
A11R
T9
CE1R
A6
A11L
B10
R/
WL
C13
A3L
P6
A10R
R10
R/
WR
R7
A9R
T10
OER
T7
A8R
,
E5
VDD
E6
VDD
E7
VSS
E8
VSS
E9
VSS
E10
VSS
E11
VDD
E12
VDD
E13
VDDQR
F5
VDD
F6
VSS
F8
VSS
F9
VSS
F10
VSS
F12
VDD
F13
VDDQR
G5
VSS
G6
VSS
G7
VSS
G8
VSS
G9
VSS
G10
VSS
G11
VSS
G12
VSS
G13
VDDQL
H5
VSS
H6
VSS
H7
VSS
H8
VSS
H9
VSS
H10
VSS
H11
VSS
H12
VSS
H13
VDDQL
J5
VSS
J6
VSS
J7
VSS
J8
VSS
J9
VSS
J10
VSS
J11
VSS
J12
VSS
J13
VDDQR
K5
VSS
K6
VSS
K7
VSS
K8
VSS
L5
VDD
L6
VSS
L7
VSS
L8
VSS
M5
VDD
M6
VDD
M7
VSS
M8
VSS
N5
VDDQR
N6
VDDQR
N7
VDDQL
N8
VDDQL
K9
VSS
K10
VSS
K11
VSS
K12
VSS
L9
VSS
L10
VSS
L11
VSS
L12
VDD
M9
VSS
M10
VSS
M11
VDD
M12
VDD
N9
VDDQR
N10
VDDQR
N11
VDDQL
N12
VDDQL
K13
VDDQR
L13
VDDQL
M13
VDDQL
N13
VDD
F7
VSS
F11
VSS
4869 drw 02c
,
03/19/04
A15L(2)
NOTES:
1. Pin is a NC for IDT70V658 and IDT70V657.
2. Pin is a NC for IDT70V657.
3. All VDD pins must be connected to 3.3V power supply.
4. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VDD (3.3V), and 2.5V if OPT pin for that port is
set to VSS (0V).
5. All VSS pins must be connected to ground supply.
6. Package body is approximately 17mm x 17mm x 1.4mm, with 1.0mm ball-pitch.
7. This package code is used to reference the package diagram.
8. This text does not indicate orientation of the actual part-marking.
70V659/58/57BC
BC-256(7)
256-Pin BGA
Top View(8)


Similar Part No. - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V657S12DRGI RENESAS-70V657S12DRGI Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results

Similar Description - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
April 27, 2000
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com