Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V657S12DRGI8 Datasheet(PDF) 20 Page - Integrated Device Technology

Part # 70V657S12DRGI8
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V657S12DRGI8 Datasheet(HTML) 20 Page - Integrated Device Technology

Back Button 70V657S12DRGI8 Datasheet HTML 16Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 17Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 18Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 19Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 20Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 21Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 22Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 23Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 24Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
IDT70V659/58/57S
High-Speed 3.3V 128/64/32K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
20
Busy Logic
BusyLogicprovidesahardwareindicationthatbothportsoftheRAM
haveaccessedthesamelocationatthesametime.Italsoallowsoneofthe
twoaccessestoproceedandsignalstheothersidethattheRAMis“Busy”.
TheBUSY pincanthenbeusedtostalltheaccessuntiltheoperationon
theothersideiscompleted.Ifawriteoperationhasbeenattemptedfrom
thesidethatreceivesaBUSYindication,thewritesignalisgatedinternally
to prevent the write from proceeding.
TheuseofBUSYlogicisnotrequiredordesirableforallapplications.
InsomecasesitmaybeusefultologicallyORtheBUSYoutputstogether
and use any BUSY indication as an interrupt source to flag the event of
anillegalorillogicaloperation.IfthewriteinhibitfunctionofBUSYlogicis
notdesirable,theBUSYlogiccanbedisabledbyplacingthepartinslave
modewiththeM/Spin.OnceinslavemodetheBUSYpinoperatessolely
asawriteinhibitinputpin.Normaloperationcanbeprogrammedbytying
the BUSY pins HIGH. If desired, unintended write operations can be
prevented to a port by tying the BUSY pin for that port LOW.
The BUSY outputs on the IDT70V659/58/57 RAM in master mode,
arepush-pulltypeoutputsanddonotrequirepullupresistorstooperate.
If these RAMs are being expanded in depth, then the BUSY indication
for the resulting array requires the use of an external AND gate.
Iftwoormoremasterpartswereusedwhenexpandinginwidth,asplit
decisioncouldresultwithonemasterindicatingBUSYononesideofthe
array and another master indicating BUSY on one other side of
thearray.Thiswouldinhibitthewriteoperationsfromoneportforpartof
awordandinhibitthewriteoperationsfromtheotherportforthe otherpart
of the word.
The BUSY arbitration on a master is based on the chip enable and
address signals only. It ignores whether an access is a read or write. In
a master/slave array, both address and chip enable must be valid long
enoughforaBUSYflagtobeoutputfromthemasterbeforethe actualwrite
pulsecanbeinitiatedwiththeR/Wsignal.Failureto observethistiming
canresultinaglitchedinternalwriteinhibitsignalandcorrupteddatainthe
slave.
Semaphores
The IDT70V659/58/57 is an extremely fast Dual-Port 128/64/32K x
36CMOSStaticRAMwithanadditional8addresslocationsdedicatedto
binarysemaphoreflags.Theseflagsalloweitherprocessorontheleftor
right sideoftheDual-PortRAMtoclaimaprivilegeovertheotherprocessor
forfunctionsdefinedbythesystemdesigner’ssoftware.Asanexample,
the semaphore can be used by one processor to inhibit the other from
accessingaportionoftheDual-PortRAMoranyothersharedresource.
TheDual-PortRAMfeaturesafastaccesstime,withbothportsbeing
completelyindependentofeachother.Thismeansthatthe activityonthe
left port in no way slows the access time of the right port. Both ports are
identicalinfunctiontostandardCMOSStaticRAMandcanbereadfrom
orwrittentoatthesametimewiththeonlypossibleconflictarisingfromthe
simultaneous writing of, or a simultaneous READ/WRITE of, a non-
semaphorelocation.Semaphoresareprotectedagainstsuchambiguous
situationsandmaybeusedbythesystemprogramtoavoidanyconflicts
inthenon-semaphoreportionoftheDual-PortRAM.Thesedeviceshave
anautomaticpower-downfeaturecontrolledbyCE,theDual-PortRAM
enable,andSEM,thesemaphoreenable.TheCEandSEMpinscontrol
on-chip power down circuitry that permits the respective port to go into
standbymodewhennotselected.
SystemswhichcanbestusetheIDT70V659/58/57containmultiple
processors or controllers and are typically very high-speed systems
which are software controlled or software intensive. These systems
canbenefitfromaperformanceincreaseofferedbytheIDT70V659/58/
57shardwaresemaphores,whichprovidealockoutmechanismwithout
requiringcomplexprogramming.
Software handshaking between processors offers the maximum in
systemflexibilitybypermittingsharedresourcestobeallocatedinvarying
configurations. The IDT70V659/58/57 does not use its semaphore
flagstocontrolanyresourcesthroughhardware,thusallowingthesystem
designertotalflexibilityinsystemarchitecture.
An advantage of using semaphores rather than the more common
methodsofhardwarearbitrationisthatwaitstatesareneverincurredin
either processor. This can prove to be a major advantage in very high-
speedsystems.
4869 drw 18
MASTER
Dual Port RAM
BUSYR
CE0
MASTER
Dual Port RAM
BUSYR
SLAVE
Dual Port RAM
BUSYR
SLAVE
Dual Port RAM
BUSYR
CE1
CE1
CE0
A17(1,2)
BUSYL
BUSYL
BUSYL
BUSYL
.
a"don'tcare".Likewise,therightportinterruptflag(INTR)isassertedwhen
theleftportwritestomemorylocation1FFFF(HEX)(FFFFforIDT70V658
and7FFFforIDT70V657)andtocleartheinterruptflag(INTR),theright
port must read the memory location 1FFFF (FFFF for IDT70V658 and
7FFF for IDT70V657). The message (36 bits) at 1FFFE (FFFE for
IDT70V658 and 7FFE for IDT70V657)or 1FFFF (FFFF for IDT70V658
and 7FFF for IDT70V657) is user-defined since it is an addressable
SRAM location. If the interrupt function is not used, address locations
1FFFE (FFFE for IDT70V658 and 7FFE for IDT70V657) and 1FFFF
(FFFF for IDT70V658 and 7FFF for IDT70V657) are not used as mail
boxes,butaspartoftherandomaccessmemory.RefertoTruthTableIII
fortheinterruptoperation.
Width Expansion with Busy Logic
Master/Slave Arrays
When expanding an IDT70V659/58/57 RAM array in width while
usingBUSYlogic,onemasterpartisusedtodecidewhichsideoftheRAMs
array will receive a BUSY indication, and to output that indication. Any
Figure 3. Busy and chip enable routing for both width and depth
expansion with IDT70V659/58/57 RAMs.
numberofslavestobeaddressedinthesameaddressrangeasthemaster
usetheBUSYsignalasawriteinhibitsignal.ThusontheIDT70V659/58/
57RAMtheBUSYpinisanoutputifthepartisusedasamaster(M/Spin
= VIH), and the BUSY pin is an input if the part used as a slave (M/S pin
= VIL) as shown in Figure 3.
NOTES:
1. A16 for IDT70V658.
2. A15 for IDT70V657.


Similar Part No. - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V657S12DRGI RENESAS-70V657S12DRGI Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results

Similar Description - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
April 27, 2000
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com