Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70V657S12DRGI8 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # 70V657S12DRGI8
Description  HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70V657S12DRGI8 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button 70V657S12DRGI8 Datasheet HTML 10Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 11Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 12Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 13Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 14Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 15Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 16Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 17Page - Integrated Device Technology 70V657S12DRGI8 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
IDT70V659/58/57S
High-Speed 3.3V 128/64/32K x 36 Asynchronous Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
14
Timing Waveform of Semaphore Read after Write Timing, Either Side(1)
NOTES:
1. DOR = DOL = VIL, CEL = CER = VIH. Refer to Truth Table II for appropriate BE controls.
2. All timing is the same for left and right ports. Port "A" may be either left or right port. "B" is the opposite from port "A".
3. This parameter is measured from R/W"A" or SEM"A" going HIGH to R/W"B" or SEM"B" going HIGH.
4. If tSPS is not satisfied,the semaphore will fall positively to one side or the other, but there is no guarantee which side will be granted the semaphore flag.
Timing Waveform of Semaphore Write Contention(1,3,4)
NOTES:
1. CE = VIH for the duration of the above timing (both write and read cycle) (Refer to Chip Enable Truth Table). Refer also to Truth Table II for appropriate BE controls.
2. "DATAOUT VALID" represents all I/O's (I/O0 - I/O35) equal to the semaphore value.
SEM/BEn(1)
4869 drw 10
tAW
tEW
I/O
VALID ADDRESS
tSAA
R/
W
tWR
tOH
tACE
VALID ADDRESS
DATA
VALID
IN
DATAOUT
tDW
tWP
tDH
tAS
tSWRD
tAOE
Read Cycle
Write Cycle
A0-A2
OE
VALID(2)
tSOP
tSOP
SEM"A"
4869 drw 11
tSPS
MATCH
R/
W"A"
MATCH
A0"A"-A2"A"
SIDE
"A"
(2)
SEM"B"
R/
W"B"
A0"B"-A2"B"
SIDE
"B"
(2)


Similar Part No. - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V657S12DRGI RENESAS-70V657S12DRGI Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
More results

Similar Description - 70V657S12DRGI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
Integrated Device Techn...
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C057 CYPRESS-CY7C057 Datasheet
459Kb / 23P
   3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
April 27, 2000
logo
Integrated Device Techn...
IDT70V659S IDT-IDT70V659S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 128K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V658 IDT-IDT70V658 Datasheet
203Kb / 23P
   HIGH-SPEED 3.3V 64K X 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V9089 IDT-IDT70V9089_14 Datasheet
168Kb / 19P
   HIGH-SPEED 3.3V 64/32K x 8 SYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com