Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05S Datasheet(PDF) 13 Page - Integrated Device Technology

Part # IDT70V05S
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05S Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button IDT70V05S_18 Datasheet HTML 9Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 10Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 11Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 12Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 13Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 14Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 15Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 16Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
6.42
IDT70V05S/L
High-Speed 3.3V 8K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
13
NOTES:
1. Port-to-port delay through SRAM cells from writing port to reading port, refer to “Timing Waveform of Read With BUSY (M/S = VIH)” or “Timing Waveform of Write With Port-
To-Port Delay (M/S = VIL)”.
2. To ensure that the earlier of the two ports wins.
3. tBDD is a calculated parameter and is the greater of 0, tWDD – tWP (actual) or tDDD – tDW (actual).
4. To ensure that the write cycle is inhibited during contention.
5. To ensure that a write cycle is completed after contention.
6. 'X' is part number indicates power rating (S or L).
AC Ele c t ric a l Cha ra c t e rist ic s Ove r t he
Ope ra t ing Te m pe ra t ure a nd Supply Volt a ge Ra nge (6)
5
1
X
5
0
V
0
7
y
n
O
l'
m
o
C
0
2
X
5
0
V
0
7
l'
m
o
C
d
n
I
&
5
2
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
M.
n
i
M.
x
a
M.
n
i
M.
x
a
Mt
i
n
U
Y
S
U
B
/
M
(
G
N
I
M
I
T
S
V
=
H
I
)
t A
A
B
Y
S
U
B
h
c
t
a
M
s
s
e
r
d
d
A
m
o
rf
e
m
i
T
s
s
e
c
c
A
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
0
2s
n
t A
D
B
Y
S
U
B
d
e
h
c
t
a
M
t
o
N
s
s
e
r
d
d
A
m
o
rf
e
m
i
T
e
l
b
a
s
i
D
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
0
2s
n
t C
A
B
Y
S
U
B
W
O
L
e
l
b
a
n
E
p
i
h
C
m
o
rf
e
m
i
T
s
s
e
c
c
A
_
_
_
_
5
1
_
_
_
_
0
2
_
_
_
_
0
2s
n
t C
D
B
Y
S
U
B
H
G
I
H
e
l
b
a
n
E
p
i
h
C
m
o
rf
e
m
i
T
e
l
b
a
s
i
D
_
_
_
_
5
1
_
_
_
_
7
1
_
_
_
_
7
1s
n
t S
P
A
e
m
i
T
p
u
-t
e
S
y
ti
r
o
ir
P
n
o
it
a
rt
i
b
r
A
)
2
(
5
_
_
_
_
5
_
_
_
_
5
_
_
_
_
s
n
t D
D
B
Y
S
U
B
a
t
a
D
d
il
a
V
o
t
e
l
b
a
s
i
D
)
3
(
_
_
_
_
8
1
_
_
_
_
0
3
_
_
_
_
0
3s
n
t H
W
r
e
tf
A
d
l
o
H
e
ti
r
W
Y
S
U
B
)
5
(
2
1
_
_
_
_
5
1
_
_
_
_
7
1
_
_
_
_
s
n
Y
S
U
B
/
M
(
G
N
I
M
I
T
S
V
=
L
I
)
t B
W
Y
S
U
B
e
ti
r
W
o
t
t
u
p
n
I
)
4
(
0
_
_
_
_
0
_
_
_
_
0
_
_
_
_
s
n
t H
W
r
e
tf
A
d
l
o
H
e
ti
r
W
Y
S
U
B
)
5
(
2
1
_
_
_
_
5
1
_
_
_
_
7
1
_
_
_
_
s
n
G
N
I
M
I
T
Y
A
L
E
D
T
R
O
P
-
O
T
-
T
R
O
P
t D
D
W
y
a
l
e
D
a
t
a
D
o
t
e
s
l
u
P
e
ti
r
W
)
1
(
_
_
_
_
0
3
_
_
_
_
5
4
_
_
_
_
0
5s
n
t D
D
D
y
a
l
e
D
a
t
a
D
d
a
e
R
o
t
d
il
a
V
a
t
a
D
e
ti
r
W
)
1
(
_
_
_
_
5
2
_
_
_
_
5
3
_
_
_
_
5
3s
n
a
3
1
l
b
t
1
4
9
2
5
3
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
5
5
X
5
0
V
0
7
y
l
n
O
l'
m
o
C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
M.
n
i
M.
x
a
Mt
i
n
U
Y
S
U
B
/
M
(
G
N
I
M
I
T
S
V
=
H
I
)
t A
A
B
Y
S
U
B
h
c
t
a
M
s
s
e
r
d
d
A
m
o
rf
e
m
i
T
s
s
e
c
c
A
_
_
_
_
0
2
_
_
_
_
5
4s
n
t A
D
B
Y
S
U
B
d
e
h
c
t
a
M
t
o
N
s
s
e
r
d
d
A
m
o
rf
e
m
i
T
e
l
b
a
s
i
D
_
_
_
_
0
2
_
_
_
_
0
4s
n
t C
A
B
Y
S
U
B
W
O
L
e
l
b
a
n
E
p
i
h
C
m
o
rf
e
m
i
T
s
s
e
c
c
A
_
_
_
_
0
2
_
_
_
_
0
4s
n
t C
D
B
Y
S
U
B
H
G
I
H
e
l
b
a
n
E
p
i
h
C
m
o
rf
e
m
i
T
e
l
b
a
s
i
D
_
_
_
_
0
2
_
_
_
_
5
3s
n
t S
P
A
e
m
i
T
p
u
-t
e
S
y
ti
r
o
ir
P
n
o
it
a
rt
i
b
r
A
)
2
(
5
_
_
_
_
5
_
_
_
_
s
n
t D
D
B
Y
S
U
B
a
t
a
D
d
il
a
V
o
t
e
l
b
a
s
i
D
)
3
(
_
_
_
_
5
3
_
_
_
_
0
4s
n
t H
W
r
e
tf
A
d
l
o
H
e
ti
r
W
Y
S
U
B
)
5
(
5
2
_
_
_
_
5
2
_
_
_
_
s
n
Y
S
U
B
/
M
(
G
N
I
M
I
T
S
V
=
L
I
)
t B
W
Y
S
U
B
e
ti
r
W
o
t
t
u
p
n
I
)
4
(
0
_
_
_
_
0
_
_
_
_
s
n
t H
W
r
e
tf
A
d
l
o
H
e
ti
r
W
Y
S
U
B
)
5
(
5
2
_
_
_
_
5
2
_
_
_
_
s
n
G
N
I
M
I
T
Y
A
L
E
D
T
R
O
P
-
O
T
-
T
R
O
P
t D
D
W
y
a
l
e
D
a
t
a
D
o
t
e
s
l
u
P
e
ti
r
W
)
1
(
_
_
_
_
0
6
_
_
_
_
0
8s
n
t D
D
D
y
a
l
e
D
a
t
a
D
d
a
e
R
o
t
d
il
a
V
a
t
a
D
e
ti
r
W
)
1
(
_
_
_
_
5
4
_
_
_
_
5
6s
n
b
3
1
l
b
t
1
4
9
2


Similar Part No. - IDT70V05S_18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05S_18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com