Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70V05S Datasheet(PDF) 18 Page - Integrated Device Technology

Part # IDT70V05S
Description  HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V05S Datasheet(HTML) 18 Page - Integrated Device Technology

Back Button IDT70V05S_18 Datasheet HTML 14Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 15Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 16Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 17Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 18Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 19Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 20Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 21Page - Integrated Device Technology IDT70V05S_18 Datasheet HTML 22Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
6.42
IDT70V05S/L
High-Speed 3.3V 8K x 8 Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
18
Trut h Ta ble I V — Addre ss BUSY
Arbit ra t ion
NOTES:
1. Pins BUSYL and BUSYR are both outputs when the part is configured as a master. Both are inputs when configured as a slave. BUSYX outputs on the IDT70V05 are push
pull, not open drain outputs. On slaves the BUSYX input internally inhibits writes.
2. VIL if the inputs to the opposite port were stable prior to the address and enable inputs of this port. VIH if the inputs to the opposite port became stable after the address and
enable inputs of this port. If tAPS is not met, either BUSYL or BUSYR = LOW will result. BUSYL and BUSYR outputs cannot be low simultaneously.
3. Writes to the left port are internally ignored when BUSYL outputs are driving low regardless of actual logic level on the pin. Writes to the right port are internally ignored when
BUSYR outputs are driving low regardless of actual logic level on the pin.
Trut h Ta ble V — Ex a m ple of Se m a phore Proc ure m e nt Se que nc e (1,2,3)
NOTES:
1. This table denotes a sequence of events for only one of the eight semaphores on the IDT70V05.
2. There are eight semaphore flags written to via I/O0 and read from all I/O's (I/O0-I/O7). These eight semaphores are addressed by A0-A2.
3. CE = VIH, SEM = VIL to access the semaphores. Refer to the Semaphore Read/Write Control Truth Table.
Trut h Ta ble I I I — I nt e r rupt Fla g(1)
NOTES:
1. Assumes BUSYL = BUSYR = VIH.
2. If BUSYL = VIL, then no change.
3. If BUSYR = VIL, then no change.
t
r
o
P
t
f
e
Lt
r
o
P
t
h
g
i
R
n
o
it
c
n
u
F
R/WL
E
C L
E
O L
A L
2
1
A
- L
0
T
N
I
L
/
R WR
E
C R
E
O R
A R
2
1
A
- R
0
T
N
I
R
LL
X
F
F
F
1
XXXX
X
L )2
(
t
h
g
i
R
t
e
S
T
N
I
R
g
a
l
F
X
X
XXX
X
L
L
F
F
F
1H )3
(
t
h
g
i
R
t
e
s
e
R
T
N
I
R
g
a
l
F
XXX
X
L )3
(
LL
X
E
F
F
1X
tf
e
L
t
e
S
T
N
I
L
g
a
l
F
XL
L
E
F
F
1H )2
(
X
X
XXX
tf
e
L
t
e
s
e
R
T
N
I
L
g
a
l
F
5
1
l
b
t
1
4
9
2
s
t
u
p
n
Is
t
u
p
t
u
O
n
o
it
c
n
u
F
E
C L
E
C R
A L
2
1
A
- L
0
A R
2
1
A
- R
0
Y
S
U
B
L
)
1
(
Y
S
U
B
R
)
1
(
XX
H
C
T
A
M
O
NH
H
l
a
m
r
o
N
HX
H
C
T
A
MH
H
l
a
m
r
o
N
XH
H
C
T
A
MH
H
l
a
m
r
o
N
LL
H
C
T
A
M)
2
()
2
(ti
b
i
h
n
I
e
ti
r
W
)
3
(
6
1
l
b
t
1
4
9
2
s
n
o
it
c
n
u
FD0 D
- 7
t
f
e
LD0 D
- 7
t
h
g
i
Rs
u
t
a
t
S
n
o
it
c
A
o
N1
1
e
e
rf
e
r
o
h
p
a
m
e
S
e
r
o
h
p
a
m
e
S
o
t
"
0
"
s
e
ti
r
W
tr
o
P
tf
e
L0
1
n
e
k
o
t
e
r
o
h
p
a
m
e
s
s
a
h
tr
o
p
tf
e
L
e
r
o
h
p
a
m
e
S
o
t
"
0
"
s
e
ti
r
W
tr
o
P
t
h
g
i
R0
1
e
r
o
h
p
a
m
e
s
o
t
s
s
e
c
c
a
e
ti
r
w
o
n
s
a
h
e
d
i
s
t
h
g
i
R
.
e
g
n
a
h
c
o
N
e
r
o
h
p
a
m
e
S
o
t
"
1
"
s
e
ti
r
W
tr
o
P
tf
e
L1
0
n
e
k
o
t
e
r
o
h
p
a
m
e
s
s
n
i
a
t
b
o
tr
o
p
t
h
g
i
R
e
r
o
h
p
a
m
e
S
o
t
"
0
"
s
e
ti
r
W
tr
o
P
tf
e
L1
0
e
r
o
h
p
a
m
e
s
o
t
s
s
e
c
c
a
e
ti
r
w
o
n
s
a
h
tr
o
p
tf
e
L
.
e
g
n
a
h
c
o
N
e
r
o
h
p
a
m
e
S
o
t
"
1
"
s
e
ti
r
W
tr
o
P
t
h
g
i
R0
1
n
e
k
o
t
e
r
o
h
p
a
m
e
s
s
n
i
a
t
b
o
tr
o
p
tf
e
L
e
r
o
h
p
a
m
e
S
o
t
"
1
"
s
e
ti
r
W
tr
o
P
tf
e
L1
1
e
e
rf
e
r
o
h
p
a
m
e
S
e
r
o
h
p
a
m
e
S
o
t
"
0
"
s
e
ti
r
W
tr
o
P
t
h
g
i
R1
0
n
e
k
o
t
e
r
o
h
p
a
m
e
s
s
a
h
tr
o
p
t
h
g
i
R
e
r
o
h
p
a
m
e
S
o
t
"
1
"
s
e
ti
r
W
tr
o
P
t
h
g
i
R1
1
e
e
rf
e
r
o
h
p
a
m
e
S
e
r
o
h
p
a
m
e
S
o
t
"
0
"
s
e
ti
r
W
tr
o
P
tf
e
L0
1
n
e
k
o
t
e
r
o
h
p
a
m
e
s
s
a
h
tr
o
p
tf
e
L
e
r
o
h
p
a
m
e
S
o
t
"
1
"
s
e
ti
r
W
tr
o
P
tf
e
L1
1
e
e
rf
e
r
o
h
p
a
m
e
S
7
1
l
b
t
1
4
9
2


Similar Part No. - IDT70V05S_18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V05S_18

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V05S IDT-IDT70V05S_12 Datasheet
162Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05S IDT-IDT70V05S Datasheet
242Kb / 17P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
IDT70V05L20PFI IDT-IDT70V05L20PFI Datasheet
172Kb / 22P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V05 RENESAS-70V05 Datasheet
494Kb / 24P
HIGH-SPEED 3.3V 8K x 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT7005S IDT-IDT7005S_16 Datasheet
733Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S Datasheet
265Kb / 20P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S55PFG IDT-7005S55PFG Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT7005S IDT-IDT7005S_18 Datasheet
199Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
7005S35JI IDT-7005S35JI Datasheet
363Kb / 21P
HIGH-SPEED 8K x 8 DUAL-PORT STATIC RAM
IDT70V25 IDT-IDT70V25 Datasheet
186Kb / 22P
HIGH-SPEED 3.3V 8K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com