Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPR2101 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPR2101
Description  Six-Element SMD Photodide Array
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPR2101 Datasheet(HTML) 2 Page - TT Electronics.

  OPR2101 Datasheet HTML 1Page - TT Electronics. OPR2101 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Storage and Operating Temperature
-55° C to +125° C
Reverse Voltage
25 V
Solder reflow time within 5°C of peak temperature is 20 to 40 seconds
(1)
250° C
R
Responsivity
0.45
-
-
A/W
Ee = 10 µW, λ = 890 nm, V = 0 V
VBR
Reverse Breakdown Voltage
50
-
-
V
IR= 10 µA
ID
Reverse Dark Current
-
-
-
5
5
-
nA
µA
VR= 10 V, Ee = 0
VR= 10 V, Ee = 0, TA = 125° C
BW
Bandwidth
-
-
55
kHz
TA ≤ 125ºC
CT
Capacitance
-
10
-
pF
VR = 10 V
Lx W
Active Area (per diode)
-
0.84
-
mm
2
1.23 mm x .72 mm
Notes:
1. Solder time less than 5 seconds at temperature extreme.
Spectral Responsivity
0
10
20
30
40
50
60
70
80
90
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Wavelength (µm)


Similar Part No. - OPR2101

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2101 OPTEK-OPR2101 Datasheet
368Kb / 2P
Six Element Photodiode Array in
More results

Similar Description - OPR2101

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPR2100L OPTEK-OPR2100L Datasheet
278Kb / 1P
Six Element SMD LED Array
OPR2100 OPTEK-OPR2100 Datasheet
117Kb / 1P
Six Element SMD Photodiode Array
logo
TT Electronics.
OPR2100 TTELEC-OPR2100 Datasheet
527Kb / 2P
Six-Element SMD Photodiode Array
logo
OPTEK Technologies
OPR2101 OPTEK-OPR2101 Datasheet
368Kb / 2P
Six Element Photodiode Array in
logo
Diodes Incorporated
SDM6CC DIODES-SDM6CC_15 Datasheet
122Kb / 3P
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
SDM6CC DIODES-SDM6CC_08 Datasheet
122Kb / 3P
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
DS30775 Rev. 7 - 2
SDM6CC DIODES-SDM6CC Datasheet
87Kb / 3P
SIX ELEMENT COMMON - CATHODE SCHOTTKY ARRAY
DS30775 Rev. 6 - 2
logo
LUMEX INC.
SSA-LXB10I3Y4G3WLP LUMEX-SSA-LXB10I3Y4G3WLP Datasheet
85Kb / 1P
10 Element Array
SSA-LXB10IW-RA LUMEX-SSA-LXB10IW-RA Datasheet
44Kb / 1P
10 Element Array
SSA-LXB10YW-RA LUMEX-SSA-LXB10YW-RA Datasheet
44Kb / 1P
10 Element Array
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com