Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4850.2300 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 4850.2300
Description  4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

4850.2300 Datasheet(HTML) 1 Page - Schurter Inc.

  4850.2300_17 Datasheet HTML 1Page - Schurter Inc. 4850.2300_17 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
DIN Plug/Socket
4850.2300
https://www.schurter.com /PG12
Appliance inlet
4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
Approvals and Compliances
3-pole
Description
- PCB Mounting :
Screw-on mounting , from rear-side
- DIN Plug: 3-pole , straight
Technical Data
Diameter
9.0 mm
Number of Poles
3-pole
Ratings DC
1 A / 12 VDC
Ratings AC
1 A / 100 VAC
Dielectric Strength
250 VAC
Insulation Resistance
> 50 M
Ω␣ @ 250VDC
Allowable Operation Tempe-
rature
-20 °C to 70 °C
Terminal
PCB terminals silver plated
Mounting
Screw-on mounting
max. 2.0 mm
Lifetime
5000 Insertions
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimensions [mm]
17.0
12.8
4.5
1.5
3.5
4.0
2.7
3 Holes ø 0.9
9.4
2 Holes
1.3x0.7
5.6
PCB Component Side
1
2
3
1
2
3


Similar Part No. - 4850.2300_17

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.2300 SCHURTER-4850.2300_V01 Datasheet
241Kb / 2P
   , 3-pole, Socket, PCB terminals, DIN Plug/Socket
More results

Similar Description - 4850.2300_17

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.2300 SCHURTER-4850.2300 Datasheet
227Kb / 2P
   4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2310 SCHURTER-4850.2310_17 Datasheet
222Kb / 2P
   4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2310 SCHURTER-4850.2310 Datasheet
221Kb / 2P
   4850, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2400 SCHURTER-4850.2400_17 Datasheet
229Kb / 2P
   4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2510 SCHURTER-4850.2510 Datasheet
222Kb / 2P
   4850, 5-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2800 SCHURTER-4850.2800 Datasheet
237Kb / 2P
   4850, 8-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2400 SCHURTER-4850.2400 Datasheet
227Kb / 2P
   4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2600 SCHURTER-4850.2600 Datasheet
228Kb / 2P
   4850, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2410 SCHURTER-4850.2410_17 Datasheet
223Kb / 2P
   4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2410 SCHURTER-4850.2410 Datasheet
222Kb / 2P
   4850, 4-pole, Socket, PCB terminals, DIN Plug/Socket
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com