Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA05608 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # MA05608
Description  SAW Filter 930MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA05608 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  MA05608 Datasheet HTML 1Page - Golledge Electronics Ltd MA05608 Datasheet HTML 2Page - Golledge Electronics Ltd MA05608 Datasheet HTML 3Page - Golledge Electronics Ltd MA05608 Datasheet HTML 4Page - Golledge Electronics Ltd MA05608 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 930MHz
Model: TA0254A
Part No: MA05608
Rev No: 1
TA0254A v1
2
C. FREQUENCY CHARACTERISTICS:
Transfer function
Wideband Response


Similar Part No. - MA05608

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05603 GOLLEDGE-MA05603 Datasheet
155Kb / 6P
   SAW Filter 70.0MHz
MA05604 GOLLEDGE-MA05604 Datasheet
140Kb / 4P
   SAW Filter 433.42MHz
MA05609 GOLLEDGE-MA05609 Datasheet
229Kb / 4P
   190.0 MHz SAW Filter
More results

Similar Description - MA05608

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT93002 SIPAT-LBT93002 Datasheet
198Kb / 3P
   930MHz SAW Filter 26MHz Bandwidth
logo
Pulse A Technitrol Comp...
RO8605NFC PULSE-RO8605NFC Datasheet
709Kb / 10P
   RO, 5dBi, 860-930MHz, NF
W3139 PULSE-W3139 Datasheet
2Mb / 28P
   860-930MHz Embedded Helical Antenna
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com