Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1203S-1WR2 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # B1203S-1WR2
Description  1W, Fixed input voltage, isolated & unregulated single output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1203S-1WR2 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  B1203S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
B_S-1WR2 & B_D-1WR2 series
2018.04.13-B/1
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
--
B1505S-1WR2
15
(13.5-16.5)
5
200/20
76/80
220
B1512S-1WR2
12
84/9
76/80
B1515S-1WR2
15
67/7
76/80
B1505D-1WR2
5
200/20
76/80
B1509D-1WR2
9
111/12
76/80
B1515D-1WR2
15
67/7
76/80
B2403S-1WR2
24
(21.6-26.4)
3.3
303/30
68/72
UL/CE/CB
B2405S-1WR2
5
200/20
76/80
B2409S-1WR2
9
111/12
76/80
B2412S-1WR2
12
84/9
76/80
B2415S-1WR2
15
67/7
76/80
B2424S-1WR2
24
42/4
76/80
--
B2403D-1WR2
3.3
303/30
68/72
UL/CE/CB
B2405D-1WR2
5
200/20
76/80
B2409D-1WR2
9
111/12
76/80
B2412D-1WR2
12
84/9
76/80
B2415D-1WR2
15
67/7
76/80
B2424D-1WR2
24
42/4
76/80
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Current
(full load / no-load)
3.3V input
--
404/30
--/70
mA
5V input
--
277/20
--/60
12V input
--
115/15
--/50
15V input
--
83/10
--/35
24V input
--
57/17
--/30
Reflected Ripple Current
--
15
--
mA
Surge Voltage (1sec. max.)
3.3 input
-0.7
--
5
VDC
5V input
-0.7
--
9
12V input
-0.7
--
18
15V input
-0.7
--
21
24V input
-0.7
--
30
Input Filter
Filter capacitor
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
See tolerance envelope graph (Fig. 1)
Line Regulation
Input voltage
change: ±1%
3.3VDC output
--
--
±1.5
--
Other output
--
--
±1.2
Load Regulation
10%-100% load
3.3VDC output
--
18
--
%
5VDC output
--
12
--
9VDC output
--
8
--
12VDC output
--
7
--
15VDC output
--
6
--
24VDC output
--
5
--
Ripple & Noise*
20MHz bandwidth
--
60
150
mVp-p
Temperature Coefficient
Full load
--
--
±0.03
%/℃
Short Circuit Protection**
B03xxS-1WR2/B03xxD-1WR2/B24xxS-1WR2/
B24xxD-1WR2/B0524S-1WR2/ B0524D-1WR2
--
--
1
s
Others
Continuous, self-recovery
Note: * Ripple and noise are measured by “parallel cable” method, please see DC-DC Converter Application Notes for specific operation;
**Supply voltage must be discontinued at the end of short circuit duration for B03xxS-1WR2/B03xxD-1WR2 series, B24xxS-1WR2/ B24xxD-1WR2 series, and
B0524S-1WR2/B0524D-1WR2 models.


Similar Part No. - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1203S-1WR3 MORNSUN-B1203S-1WR3 Datasheet
1Mb / 5P
   1W isolated DC-DC converter Fixed input voltage, unregulated single output
2021.12.13-A/3
More results

Similar Description - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503XT-1WR3 MORNSUN-F0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com