Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1203S-1WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # B1203S-1WR2
Description  1W, Fixed input voltage, isolated & unregulated single output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1203S-1WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  B1203S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC/DC Converter
B_S-1WR2 & B_D-1WR2 series
2018.04.13-B/1
Page 1 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Selection Guide
Certification
Part No.
Input Voltage (VDC)
Output
Efficiency
(%,Min./Typ.)
@ Full Load
Max.
Capacitive
Load(µF)
Nominal
(Range)
Output Voltage
(VDC)
Output Current
(mA)(Max./Min.)
--
B0303S-1WR2
3.3
(2.97-3.63)
3.3
303/30
68/72
220
UL/CE/CB
B0305S-1WR2
5
200/20
72/76
B0312S-1WR2
12
84/9
76/80
--
B0303D-1WR2
3.3
303/30
68/72
B0305D-1WR2
5
200/20
72/76
B0503S-1WR2
5
(4.5-5.5)
3.3
303/30
68/72
UL/CE/CB
B0505S-1WR2
5
200/20
76/80
B0509S-1WR2
9
111/12
76/80
B0512S-1WR2
12
84/9
76/80
B0515S-1WR2
15
67/7
76/80
B0524S-1WR2
24
42/4
76/80
--
B0503D-1WR2
3.3
303/30
68/72
UL/CE/CB
B0505D-1WR2
5
200/20
76/80
B0509D-1WR2
9
111/12
76/80
B0512D-1WR2
12
84/9
76/80
B0515D-1WR2
15
67/7
76/80
B0524D-1WR2
24
42/4
76/80
--
B1203S-1WR2
12
(10.8-13.2)
3.3
303/30
68/72
UL/CE/CB
B1205S-1WR2
5
200/20
76/80
B1209S-1WR2
9
111/12
76/80
B1212S-1WR2
12
84/9
76/80
B1215S-1WR2
15
67/7
76/80
B1224S-1WR2
24
42/4
76/80
--
B1203D-1WR2
3.3
303/30
68/72
UL/CE/CB
B1205D-1WR2
5
200/20
76/80
B1209D-1WR2
9
111/12
76/80
B1212D-1WR2
12
84/9
76/80
B1215D-1WR2
15
67/7
76/80
1W, Fixed input voltage, isolated & unregulated
single output
CB Patent Protection RoHS
FEATURES
Continuous short-circuit protection
Operating temperature range: -40℃ to +105℃
High efficiency up to 80%
Compact SIP/DIP package
International standard pin-out
Isolation voltage: 1.5K VDC
EN60950,UL60950,IEC60950 approval
B_S-1WR2 & B-D-1WR2 series are specially designed for applications where an isolated voltage is required in a distributed power supply
system. They are suitable for
1.
Where the voltage of the input power supply is stable (voltage variation: ±10%Vin);
2.
Where isolation between input and output is necessary (isolation voltage ≤1500VDC);
3.
Where the output voltage regulation and the ripple & noise of the output voltage is not strictly required;
4.
Typical application: digit circuit condition; normal low-frequency artificial circuit condition; relay drive circuit and data switching circuit
condition, etc.


Similar Part No. - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1203S-1WR3 MORNSUN-B1203S-1WR3 Datasheet
1Mb / 5P
   1W isolated DC-DC converter Fixed input voltage, unregulated single output
2021.12.13-A/3
More results

Similar Description - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503XT-1WR3 MORNSUN-F0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com