Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1203S-1WR2 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # B1203S-1WR2
Description  1W, Fixed input voltage, isolated & unregulated single output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1203S-1WR2 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  B1203S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DC/DC Converter
B_S-1WR2 & B_D-1WR2 series
2018.04.13-B/1
Page 5 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Dimensions and Recommended Layout (B_S-1WR2)
Note:
Unit :mm[inch]
Pin section tolerances :±0.10[±0.004]
General tolerances:±0.25[±0.010]
Note:Grid 2.54*2.54mm
4
1
2
3
7.62 [0.300]
0.30 [0.012]
2.54 [0.100]
0.50 [0.020]
Front View
Bottom View
1
2
3
4
GND
Vin
+Vo
0V
Pin
Function
Pin-Out
∅1.00 [∅0.039]
1100000301-B0
3
2
1
4
THIRD ANGLE PROJECTION
0.90 [0.035]
4.10 [0.161]
11.60 [0.457]
6.00 [0.236]
Dimensions and Recommended Layout (B_D-1WR2)
1
4
7
5
1
4
5
7
Function
Note:Grid 2.54*2.54mm
Bottom view
Front view
Pin-Out
Pin
Note:
Unit :mm[inch]
Pin section tolerances:±0.10[±0. 004]
General tolerances:±0.25[±0.010]
12.70 [0.500]
7.62 [0.300]
5.08 [0.200]
1.00 [0.039]
0.50 [0.020]
1
4
5
7
1.00 [0.039]
1100000501-B0
THIRD ANGLE PROJECTION
GND
Vin
0V
+Vo


Similar Part No. - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1203S-1WR3 MORNSUN-B1203S-1WR3 Datasheet
1Mb / 5P
   1W isolated DC-DC converter Fixed input voltage, unregulated single output
2021.12.13-A/3
More results

Similar Description - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503XT-1WR3 MORNSUN-F0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com