Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1203S-1WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # B1203S-1WR2
Description  1W, Fixed input voltage, isolated & unregulated single output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1203S-1WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  B1203S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC/DC Converter
B_S-1WR2 & B_D-1WR2 series
2018.04.13-B/1
Page 4 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Design Reference
1. Typical application circuit
If it is required to further reduce input and output ripple, a filter capacitor may be connected to the input and output terminals, see Fig.3.
Moreover, choosing a suitable filter capacitor is very important, start-up problems may be caused if the capacitance is too large. Under the
condition of safe and reliable operation, the recommended capacitive load values are shown in Table 1.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig.3
Recommended capacitive load value table (Table 1)
Vin(VDC)
Cin(µF)
Vo (VDC)
Cout(µF)
3.3/5
4.7
3.3/5
10
12
2.2
9
4.7
15
2.2
12
2.2
24
1
15
1
--
--
24
0.47
2. EMC solution-recommended circuit
Vin
GND
+Vo
0V
DC/DC
LOAD
LDM
C1
Vin
GND
C2
Fig. 4
Input voltage (VDC)
3.3/5/12/15/24
EMI
C1
4.7µF /50V
C2
Refer to the Cout in Fig.3
LDM
6.8µH
3. Output load requirements
In order to ensure the converter can work reliably with high efficiency, the minimum load should not less than 10% rated load when it is used.
If the needed power is indeed small, please parallel a resistor on the output side ( The sum of the efficient power and resistor consumption
power is not less than 10%).
4. For more information please find DC-DC converter application notes on www.mornsun-power.com


Similar Part No. - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1203S-1WR3 MORNSUN-B1203S-1WR3 Datasheet
1Mb / 5P
1W isolated DC-DC converter Fixed input voltage, unregulated single output
2021.12.13-A/3
More results

Similar Description - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
1W, Fixed input voltage, isolated & unregulated single output
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
1W, Fixed input voltage, isolated & unregulated single output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
F0503XT-1WR3 MORNSUN-F0503XT-1WR3 Datasheet
677Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com