Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1203S-1WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # B1203S-1WR2
Description  1W, Fixed input voltage, isolated & unregulated single output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B1203S-1WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  B1203S-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. B1203S-1WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
B_S-1WR2 & B_D-1WR2 series
2018.04.13-B/1
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94-V0)
Dimensions
B_S-1WR2 series
11.60*6.00*10.16 mm
B_D-1WR2 series
12.70*10.16*8.20 mm
Weight
B_S-1WR2 series
1.3g(Typ.)
B_D-1WR2 series
1.8g(Typ.)
Cooling Method
Free air convection
EMC Specifications
EMI
CE
CISPR32/EN55032 CLASS B (see Fig. 4 for recommended circuit)
RE
CISPR32/EN55032 CLASS B (see Fig. 4 for recommended circuit)
EMS
ESD
IEC/EN61000-4-2
Contact ±8KV
perf. Criteria B
Product Characteristic Curve
3.3VDC output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
100%
Typ.
Min.
Max.
-15%
-7.5%
+1.0%
-15%
Tolerance Envelope Curve
Output Current Percentage
(Nominal Input Voltage)
Other output
-10%
80%
20%
10%
40%
60%
-5%
0
+5%
+10%
+15%
100%
Typ.
Min.
Max.
-7.5%
-2.5%
+2.5%
Output Current Percent
(Nominal Input Voltage)
Tolerance Envelope Curve
Fig. 1
120
100
80
60
40
20
0
Ambient Temp.( )
Temperature Derating Curve
Safe Operating Area
-40
0
40
85 105 120
Fig. 2
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output, with the test time of 1 minute and
the leak current lower than 1mA
1500
--
--
VDC
Isolation Resistance
Input-output, isolation voltage 500VDC
1000
--
--
Isolation Capacitance
Input-output, 100KHz/0.1V
--
20
--
pF
Operating Temperature
Derating when operating temperature up to
85℃, (see Fig. 2)
-40
--
105
Storage Temperature
-55
--
125
Casing Temperature Rise
Ta=25℃, nominal input, full load output
--
25
--
Pin Welding Resistance Temperature Welding spot is 1.5mm away from the casing,
10 seconds
--
--
300
Storage Humidity
Non-condensing
--
--
95
%RH
Switching Frequency
Full load, nominal input voltage
--
100
--
KHz
MTBF
MIL-HDBK-217F@25℃
3500
--
--
K hours


Similar Part No. - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B1203S-1WR3 MORNSUN-B1203S-1WR3 Datasheet
1Mb / 5P
1W isolated DC-DC converter Fixed input voltage, unregulated single output
2021.12.13-A/3
More results

Similar Description - B1203S-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0505XT-1WR2 MORNSUN-B0505XT-1WR2 Datasheet
406Kb / 5P
1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
1W, Fixed input voltage, isolated & unregulated single output
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
1W, Fixed input voltage, isolated & unregulated single output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
F0503XT-1WR3 MORNSUN-F0503XT-1WR3 Datasheet
677Kb / 4P
1W, Fixed input voltage, isolated & unregulated single output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com