Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB209A Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UB209A
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209A Datasheet(HTML) 8 Page - Unisonic Technologies

  UB209A_17 Datasheet HTML 1Page - Unisonic Technologies UB209A_17 Datasheet HTML 2Page - Unisonic Technologies UB209A_17 Datasheet HTML 3Page - Unisonic Technologies UB209A_17 Datasheet HTML 4Page - Unisonic Technologies UB209A_17 Datasheet HTML 5Page - Unisonic Technologies UB209A_17 Datasheet HTML 6Page - Unisonic Technologies UB209A_17 Datasheet HTML 7Page - Unisonic Technologies UB209A_17 Datasheet HTML 8Page - Unisonic Technologies UB209A_17 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
UB209A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-940.e
OPERATION
1. Normal Status
In the UTC UB209A, both of CO and DO pin get the VSS level; the voltage between VDD and VSS (VDS) is more
than the overdischarge detection voltage (VDL), and is less than the overcharge detection voltage (VCU) and
respectively, the CTLC pin input voltage (VCTLC)<the CTLC pin voltage “H” (VCTLCH), the CTLD pin input voltage
(VCTLD)<the CTLD pin voltage “H” (VCTLDH). This is the normal status.
2. Overcharge Status
In the UTC UB209A, the CO pin is in high impedance; when VDS gets VCU or more, or VCTLC gets VCTLCH or more.
This is the overcharge status.
If VDS gets the overcharge release voltage (VCL) or less, and VCTLC gets the CTLC pin voltage “L” (VCTLCL) or less,
the UTC UB209A releases the overcharge status to return to the normal status.
3. Overdischarge Status
In the UTC UB209A, the DO pin is in high impedance; when VDS gets VDL or less, or VCTLD gets VCTLDH or more.
This is the overdischarge status.
If VDS gets the overdischarge release voltage (VDU) or more, and VCTLD gets the CTLD pin voltage “L” (VCTLDL) or
less, the UTC UB209A releases the overdischarge status to return to the normal status.
4. Cell-balance Function
In the UTC UB209A, the CB pin gets the level of VDD pin; when VDS gets the cell-balance detection voltage (VBU)
or more. This is the charge cell-balance function.
If VDS gets the cell-balance release voltage (VBL) or less again, the UTC UB209A sets the CB pin the level of VSS
pin.
In addition, the CB pin gets the level of VDD pin; when VDS is more than VDL, and VCTLD is VCTLDH or more. This is
the discharge cell-balance function.
If VCTLD gets VCTLDL or less, or VDS is VDL or less again, the UTC UB209A sets the CB pin the level of VSS.
5. Delay Circuit
In the UTC UB209A, users are able to set delay time which is from detection of changes in VDS, VCTLC, VCTLD to
output to the CO, DO, CB pin.
For example in the detection of overcharge status, when VDS exceeds VCU, or VCTLC gets VCTLCH or more, charging
to CCDT starts via RCDT. If the voltage between CDT and VSS (VCDT) reaches the CDT pin detection voltage (VCDET),
the CO pin is in high impedance. The output pin delay time tD is calculated by the following formula.
tD [s]=10.0MΩ (Typ.)×CCDT [µF]
The electric charge in CCDT starts to be discharged when the delay time has finished.
The delay time that users have set for the CO pin, as seen above, is settable for each output pin DO, CB.


Similar Part No. - UB209A_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results

Similar Description - UB209A_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com