Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UB209A Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB209A
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209A Datasheet(HTML) 2 Page - Unisonic Technologies

  UB209A_17 Datasheet HTML 1Page - Unisonic Technologies UB209A_17 Datasheet HTML 2Page - Unisonic Technologies UB209A_17 Datasheet HTML 3Page - Unisonic Technologies UB209A_17 Datasheet HTML 4Page - Unisonic Technologies UB209A_17 Datasheet HTML 5Page - Unisonic Technologies UB209A_17 Datasheet HTML 6Page - Unisonic Technologies UB209A_17 Datasheet HTML 7Page - Unisonic Technologies UB209A_17 Datasheet HTML 8Page - Unisonic Technologies UB209A_17 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UB209A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-940.e
SERIAL CODE LIST
Model
Code
Overcharge
Detection
Voltage
[VCU](V)
Overcharge
Release
Voltage
[VCL](V)
Cell-balanc
e Detection
Voltage
[VBU](V)
Cell-balanc
e Release
Voltage
[VBL](V)
Overdischar
ge
Detection
Voltage
[VDL](V)
Overdischar
ge Release
Voltage
[VDU](V)
Discharge
Cell-balance
Function
AA
4.100
4.000
4.050
4.000
2.50
2.70
Yes
AB
3.800
3.750
3.650
3.600
2.00
2.50
Yes
AC
3.900
3.500
3.550
3.550
2.50
2.70
Yes
AD
4.250
4.100
4.200
4.100
2.50
3.00
Yes
AE
4.000
3.900
3.950
3.900
2.50
2.70
Yes
AF
4.250
4.100
4.100
4.000
2.75
3.05
Yes
AG
3.900
3.600
3.550
3.500
2.00
2.40
Yes
AH
3.900
3.700
3.600
3.600
2.50
2.80
No
AI
4.150
4.050
3.900
3.900
3.00
3.30
Yes
AJ
4.250
4.150
4.100
4.050
2.50
2.80
Yes
UB209A
AK
4.300
4.200
4.225
4.225
2.00
2.50
Yes
MARKING
SOP-8
TSSOP-8
PIN CONFIGURATION
4
3
2
5
7
CTLD
VDD
CDT
VSS
CO
1
6
DO
8
CB
CTLC
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
CTLC
Pin for charge control
2
CTLD
Pin for discharge control
3
VDD
Connection pin for input positive power supply, for battery’s positive voltage
4
CDT
Connection pin to capacitor for overcharge detection delay, for over discharge detection
delay
5
VSS
Input pin for negative power supply, Connection pin for battery’s negative voltage
6
DO
Output pin for discharge control (Nch open drain output)
7
CO
Output pin for charge control (Nch open drain output)
8
CB
Output pin for cell-balance control (CMOS output)


Similar Part No. - UB209A_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
More results

Similar Description - UB209A_17

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Seiko Instruments Inc
S-8209A SII-S-8209A Datasheet
501Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com