Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCTDA2030 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UTCTDA2030
Description  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2030 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UTCTDA2030 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 8Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 9Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 10Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 11Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 12Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
UTCTDA2030 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
13
QW-R107-004,B
SHORT CIRCUIT PROTECTION
The UTC TDA2030 has an original circuit which limits the current of the output transistors. This function can be
considered as being peak power limiting rather than simple current limiting. It reduces the possibility that the device
gets damaged during an accidental short circuit from AC output to Ground.
THERMAL SHUT-DOWN
The presence of a thermal limiting circuit offers the following advantages:
1).An overload on the output (even if it is permanent),or an above limit ambient temperature can be easily supported
since the Tj can not be higher than 150
°C
2).The heatsink can have a smaller factor of safety compared with that of a congenital circuit, There is no possibility
of device damage due to high junction temperature increase up to 150, the thermal shut-down simply reduces the
power dissipation and the current consumption.
APPLICATION SUGGESTION
The recommended values of the components are those shown on application circuit of Fig.14. Different values can
be used. The following table can help the designer.
COMPONENT
RECOMMENDED
VALUE
PURPOSE
LARGE THAN
RECOMMENDED
VALUE
LARGE THAN
RECOMMENDED
VALUE
R1
22K
Closed loop gaon
setting.
Increase of Gain
Decrease of Gain
R2
680
Closed loop gaon
setting.
Decrease of Gain
Increase of Gain
R3
22K
Non inverting input
biasing
Increase of input
impedance
Decrease of input
impedance
R4
1
Frequency stacility
Danger of oscillation
at high frequencies
with inductive loads.
R5
≈3R2
Upper frequency
cutoff
Poor high frequencies
attenuation
Dange of oscillation
C1
1
µF
Input DC decoupling
Increase of low
frequencies cutoff
C2
22
µF
Inverting DC
decoupling
Increase of low
frequencies cutoff
C3,C4
0.1
µF
Supply voltage
bypass
Dange of oscillation
C5,C6
100
µF
Supply voltage
bypass
Dange of oscillation
C7
0.22
µF
Frequency stability
Larger bandwidth
C8
≈1/(2π*B*R1)
Upper frequency
cutoff
smaller bandwidth
Larger bandwidth
D1,D2
1N4001
To protect the device
against output voltage
spikes.


Similar Part No. - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com