Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCTDA2030 Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UTCTDA2030
Description  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2030 Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UTCTDA2030 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 8Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 9Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 10Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 11Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 12Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
UTCTDA2030 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
12
QW-R107-004,B
It is essential to take into account all the working conditions, in particular mains fluctuations and supply voltage
variations with and without load. The UTC2030(Vsmax=44V) is particularly suitable for substitution of the standard
IC power amplifiers(with Vsmax=36V) for more reliable applications.
An example, using a simple full-wave rectifier followed by a capacitor filter, is shown in the table and in the diagram
of Fig.27.
A regulated supply is not usually used for the power output stages because of its dimensioning must be done
taking into account the power to supply in signal peaks. They are not only a small percentage of the total music
signal, with consequently large overdimensioning of the circuit.
Even if with a regulated supply higher output power can be obtained(Vs is constant in all working conditions),the
additional cost and power dissipation do not usually justify its use. using non-regulated supplies, there are fewer
designee restriction. In fact, when signal peaks are present, the capacitor filter acts as a flywheel supplying the
required energy.
In average conditions, the continuous power supplied is lower. The music power/continuous power ratio is greater
in case than for the case of regulated supplied, with space saving and cost reduction.
0
0.4
0.8
1.2
1.6
2.0
28
30
32
34
36
Vo(V)
Io(A)
Fig.27 DC characteristics of
50W non-regulated supply
Vo
3300
µF
220V
0
2
4
Ripple
(Vp-p)
Ripple
Vout
Mains(220V)
Secondary Voltage
DC Output Voltage(Vo)
Io=0
Io=0.1A
Io=1A
+20%
28.8V
43.2V
42V
37.5V
+15%
27.6V
41.4V
40.3V
35.8V
+10%
26.4V
39.6V
38.5V
34.2V
24V
36.2V
35V
31V
-10%
21.6V
32.4V
31.5V
27.8V
-15%
20.4V
30.6V
29.8V
26V
-20%
19.2V
28.8V
28V
24.3


Similar Part No. - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com