Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCTDA2030 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UTCTDA2030
Description  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2030 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UTCTDA2030 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 8Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 9Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 10Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 11Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 12Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
UTCTDA2030 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
11
QW-R107-004,B
m2
m1
SR(V/
µs)
Input
Signal
Filtered
Output
Siganal
Fig.23 20kHz sawtooth waveform
Fig.24 Inverting sawtooth waveform
The result is an AC signal at the output whole peak-to-peak value is the TIM voltage, which can be measured
easily with an oscilloscope. If the peak-topeak value of the signal and the peak-to-peak of the inverting sawtooth are
measured, the TIM can be found very simply from:
TIM
VOUT
Vsawtooth
* 100
=
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
UTC2030A
BD908/907
Gv=26dB
Vs=36V
RL=4
RC Filter fc=30kHz
Fig. 25 TIM distortion Vs.
Output Power
Po(W)
TIM(%)
10
-1
10
0
10
1
10
2
Vo(Vp-p)
10
-1
10
0
10
1
10
2
RC Filter fc=30kHz
Fig. 26 TIM design
diagram(fc=30kHz)
SR(V/ s)
In Fig.25 The experimental results are shown for the 30W amplifier using the UTC2030A as a driver and a
low-cost complementary pair. A simple RC filter on the input of the amplifier to limit the maximum signal slope(SS) is
an effective way to reduce TIM.
The Diagram of Fig.26 originated by SGS can be used to find the Slew-Rate(SR) required for a given output power
or voltage and a TIM design target.
For example if an anti-TIM filter with a cutoff at 30kHz is used and the max. Peak to peak output voltage is 20V then,
referring to the diagram, a Slew-Rate of 6V/
µs is necessary for 0.1% TIM.
As shown Slew-Rates of above 10V/
µs do not contribute to a further reduction in TIM.
Slew-Rates of 100V/
µs are not only useless but also a disadvantage in hi-fi audio amplifiers because they tend to
turn the amplifier into a radio receiver.
POWER SUPPLY
Using monolithic audio amplifier with non regulated supply correctly. In any working case it must provide a supply
voltage less than the maximum value fixed by the IC breakdown voltage.


Similar Part No. - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com