Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCTDA2030 Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UTCTDA2030
Description  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2030 Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UTCTDA2030 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 8Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 9Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 10Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 11Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 12Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
UTCTDA2030 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
10
QW-R107-004,B
MUSICAL INSTRUMENTS AMPLIFIERS
Another important field of application for active system is music.
In this area the use of several medium power amplifiers is more convenient than a single high power amplifier, and it
is also more reliable. A typical example(see Fig. 21) consist of four amplifiers each driving a low-cost, 12 inch
loudspeaker. This application can supply 80 to 160W rms.
TRANSIENT INTER-MODULATION DISTORTION(TIM)
Transient inter-modulation distortion is an unfortunate phenomena associated with negative-feedback amplifiers.
When a feedback amplifier receives an input signal which rises very steeply, i.e. contains high-frequency
components, the feedback can arrive too late so that the amplifiers overloads and a burst of inter-modulation
distortion will be produced as in Fig.22.Since transients occur frequently in music this obviously a problem for the
designed of audio amplifiers. Unfortunately, heavy negative feedback is frequency used to reduce the total harmonic
distortion of an amplifier, which tends to aggravate the transient inter-modulation(TIM situation.)The best known
20 to 40W
Amplifier
20 to 40W
Amplifier
20 to 40W
Amplifier
20 to 40W
Amplifier
PRE
AMPLIFIER
POWER
AMPLIFIER
FEEDBACK
PATH
INPUT
V1
V2
V3
V4
V4
OUTPUT
V1
V2
V3
V4
Fig.21 High power active box for musical
instrument
Fig.22 Overshoot phenomenon in
feedback amplifiers
method for the measurement of TIM consists of feeding sine waves superimposed onto square wavers, into the
amplifier under test. The output spectrum is then examined using a spectrum analyzer and compared to the input.
This method suffers from serious disadvantages: the accuracy is limited, the measurement is a tatter delicate
operation and an expensive spectrum analyzer is essential. A new approach (see Technical Note 143(Applied by
SGS to monolithic amplifiers measurement is fast cheap, it requires nothing more sophisticated than an
oscilloscope-and sensitive-and it can be used down to the values as low as 0.002% in high power amplifiers.
The "inverting-sawtooth" method of measurement is based on the response of an amplifier to a 20KHz saw-tooth
wave-form. The amplifier has no difficulty following the slow ramp but it cannot follow the fast edge. The output will
follow the upper line in Fig.23 cutting of the shade area and thus increasing the mean level. If this output signal is
filtered to remove the saw-tooth, direct voltage remains which indicates the amount of TIM distortion, although it is
difficult to measure because it is indistinguishable from the DC offset of the amplifier. This problem is neatly avoided
in the IS-TIM method by periodically inverting the saw-tooth wave-form at a low audio frequency as shown in
Fig.24.Inthe case of the saw-tooth in Fig. 25 the means level was increased by the TIM distortion, for a saw-tooth in
the other direction the opposite is true.


Similar Part No. - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com