Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCTDA2030 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCTDA2030
Description  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2030 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCTDA2030 Datasheet HTML 1Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 2Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 3Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 4Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 8Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UTCTDA2030 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R107-004,B
14W HI-FI AUDIO AMPLIFIER
DESCRIPTION
The UTC TDA2030 is a monolithic audio power amplifier
integrated circuit.
FEATURES
*Very low external component required.
*High current output and high operating voltage.
*Low harmonic and crossover distortion.
*Built-in Over temperature protection.
*Short circuit protection between all pins.
*Safety Operating Area for output transistors.
TO-220B
1
1
TO-220-5
PIN CONFIGURATIONS
1
Non inverting input
2
Inverting input
3
-VS
4 Output
5 +VS
ABSOLUTE MAXIMUM RATINGS(Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vs
+-18
V
Input Voltage
Vi
Vs
V
Differential Input Voltage
Vdi
+-15
V
Peak Output Current(internally limited)
Io
3.5
A
Total Power Dissipation at Tcase=90
°C
Ptot
20
W
Storage Temperature
Tstg
-40~+150
°C
Junction Temperature
Tj
-40~+150
°C
ELECTRICAL CHARACTERISTICS(Refer to the test circuit, Vs =+-16V,Ta=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
Vs
+-6
+-18
V
Quiescent Drain
Current
Id
40
60
mA
Input Bias Current
Ib
0.2
2
µA
Input Offset Voltage
Vos
Vs=+-18v
+-2
+-20
MV
Input Offset Current
Ios
+-20
+-200
NA


Similar Part No. - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com