Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCTDA2030 Datasheet(PDF) 8 Page - Unisonic Technologies

Part # UTCTDA2030
Description  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2030 Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button UTCTDA2030 Datasheet HTML 4Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 8Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 9Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 10Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 11Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UTCTDA2030 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
8
QW-R107-004,B
MULTIWAY SPEAKER SYSTEMS AND ACTIVE BOXES
Multiway loudspeaker systems provide the best possible acoustic performance since each loudspeaker is
specially designed and optimized to handle a limited range of frequencies. Commonly, these loudspeaker systems
divide the audio spectrum two or three bands.
To maintain a flat frequency response over the Hi-Fi audio range the bands cobered by each loudspeaker must
overlap slightly. Imbalance between the loudspeakers produces unacceptable results therefore it is important to
ensure that each unit generates the correct amount of acoustic energy for its segments of the audio spectrum. In this
respect it is also important to know the energy distribution of the music spectrum to determine the cutoff frequencies
of the crossover filters(see Fig. 18).As an example,1 100W three-way system with crossover frequencies of 400Hz
and 3khz would require 50W for the woofer,35W for the midrange unit and 15W for the tweeter.
Both active and passive filters can be used for crossovers but active filters cost significantly less than a good
passive filter using aircored inductors and non-electrolytic capacitors. In addition active filters do not suffer from the
typical defects of passive filters:
--Power less;
--Increased impedance seen by the loudspeaker(lower damping)
--Difficulty of precise design due to variable loudspeaker impedance.
Obviously, active crossovers can only be used if a power amplifier is provide for each drive unit. This makes it
particularly interesting and economically sound to use monolithic power amplifiers.
In some applications complex filters are not relay necessary and simple RC low-pass and high-pass
networks(6dB/octave) can be recommended.
The result obtained are excellent because this is the best type of audio filter and the only one free from phase and
transient distortion.
The rather poor out of band attenuation of single RC filters means that the loudspeaker must operate linearly well
beyond the crossover frequency to avoid distortion.
A more effective solution, named "Active power Filter" by SGS is shown in Fig. 19.
The proposed circuit can realize combined power amplifiers and 12dB/octave or 18dB octave high-pass or
low-pass filters.
In proactive, at the input pins amplifier two equal and in-phase voltages are available, as required for the active
filter operations.
The impedance at the Pin(-) is of the order of 100
Ω,while that of the Pin (+) is very high, which is also what was
wanted.
10
2
10
3
10
4
10
5
10
1
0
20
100
40
60
80
Morden
Music
Spectrum
IEC/DIN NOISE
SPECTRUM
FOR SPEAKER
TESTING
Fig. 18 Power distribution vs.
frequency
Vs+
Vs-
3.3k
100
R2
R1
C1 C2 C3
RL
Fig. 19 Active power filter
R3


Similar Part No. - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com