Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTCTDA2030 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCTDA2030
Description  14W HI-FI AUDIO AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCTDA2030 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCTDA2030 Datasheet HTML 1Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 2Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 3Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 4Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 5Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 6Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 7Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 8Page - Unisonic Technologies UTCTDA2030 Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
UTCTDA2030 LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R107-004,B
TYPICAL PERFORMANCE CHARACTERISTICS
10
2
10
3
10
4
10
5
10
6
10
7
10
1
-60
-20
20
60
100
140
Phase
Gain
Gv
(dB)
180
90
0
Fig.2 Open loop frequency
response
24
28
32
36
40
44
24
4
8
12
16
20
RL=4
RL=8
Gv=26dB
d=0.5%
f=40 to 15kHz
Fig.3 Output power vs. Supply
voltage
Fig.4 Total harmonic distortion
vs. output power
Fig.5 Two tone CCIF
intermodulation distortion
10
-1
10
0
10
1
10
2
10
-2
10
-2
10
-1
10
0
10
1
10
2
Vs=38V
RL=8
Vs=32V
RL=4
f=15kHz
f=1kHz
Gv=26dB
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
Order (2f1-f2)
Order (2f2-f1)
Vs=32V
Po=4W
RL=4
Gv=26dB
Fig.6 Large signal frequency
response
Fig.7 Maximum allowable power
dissipation vs. ambient
temperture
10
1
10
2
10
3
10
4
30
5
10
15
20
25
Vs=+-15V
RL=4
Vs=+-15V
RL=8
-50
0
50
100
150
200
30
5
10
15
20
25
hea
tsin
k h
avin
g
Rth
=4
°C
/W
hea
tsink
havin
g
Rth=
8°C
/W
Tamb (°C)
Ptot
(W)
Frequency (kHz)
Vo
(Vp-p)
Po (W)
Frequency (Hz)
Po (W)
Vs (V)
Frequency (Hz)
Po
(W)
d
( % )
d
( % )


Similar Part No. - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
More results

Similar Description - UTCTDA2030

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TDA2030 TGS-TDA2030 Datasheet
212Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
TDA2030AV TGS-TDA2030AV Datasheet
224Kb / 6P
   14W Hi-Fi AUDIO AMPLIFIER
logo
List of Unclassifed Man...
TDA2030 ETC-TDA2030 Datasheet
101Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
Advanced Monolithic Sys...
AMS2030A AMS-AMS2030A Datasheet
1Mb / 14P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030_98 Datasheet
543Kb / 12P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030 UTC-TDA2030_15 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
logo
STMicroelectronics
TDA2030 STMICROELECTRONICS-TDA2030 Datasheet
192Kb / 11P
   14W Hi-Fi AUDIO AMPLIFIER
logo
Unisonic Technologies
TDA2030A UTC-TDA2030A_16 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030 Datasheet
276Kb / 14P
   14W HI-FI AUDIO AMPLIFIER
TDA2030 UTC-TDA2030_07 Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com