Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBR1200ETIG Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBR1200ETIG
Description  Schottky Barrier Rectifiers Schottky Barrier Rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR1200ETIG Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBR1200ETIG Datasheet HTML 1Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 2Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 3Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 4Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 5Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 6Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 7Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 8Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case
: SOD-323HE
molded plastic over sky die
Terminals
: Tin Plated, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
We declare that the material of product is
Weight
: 0.011 g
Haloggen free (green epoxy compound)
Handling precautin
:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
LMBR
120ET1G
LMBR
130ET1G
LMBR
140ET1G
LMBR
150ET1G
LMBR
160ET1G
LMBR
180ET1G
LMBR
1100ET1G
LMBR
1150ET1G
LMBR
1200ET1G
Unit
device marking code
12
13
14
15
16
18
110
115
120
Maximum repetitive peak reverse
voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum average forward rectified
current at TC = 75°C
IF(AV)
A
Peak forward surge current 8.3ms
single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
RθJL
°
C/W
Operating junction temperature
range
TJ
°
C
storage temperature range
TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
LMBR
120ET1G
LMBR
130ET1G
LMBR
140ET1G
LMBR
150ET1G
LMBR
160ET1G
LMBR
180ET1G
LMBR
1100ET1G
LMBR
1150ET1G
LMBR
1200ET1G
Unit
Maximum instantaneous forward
voltage at(IF = 0.7 A, TJ = 25°C)
(IF = 1.0 A, TJ = 25°C)
VF
0.9
0.92
V
Maximum DC reverse current at
rated DC blocking voltage TA = 25°C
TJ = 125°C
IR
mA
Typical junction capacitance at
4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
0.48
0.55
Schottky Barrier Rectifiers
Reverse Voltage 20 to 200V Forward Current 1.0A
0.02
10
160
0.7
LMBR120ET1G thru LMBR1200ET1G
1.0
22
220
50
55 to +150
65 to +150
0.85


Similar Part No. - LMBR1200ETIG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG_15 Datasheet
495Kb / 11P
Schottky Barrier Rectifiers
More results

Similar Description - LMBR1200ETIG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com