Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBR1200ETIG Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LMBR1200ETIG
Description  Schottky Barrier Rectifiers Schottky Barrier Rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR1200ETIG Datasheet(HTML) 5 Page - Leshan Radio Company

  LMBR1200ETIG Datasheet HTML 1Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 2Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 3Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 4Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 5Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 6Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 7Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 8Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
6.High reliability test capabilities
Solder Resistance
MIL-STD-750D METHOD-2031
Solderability
at 245±5℃ for 5 sec
MIL-STD-202F METHOD-208
High Temperature Reverse Bias
VR=80% rate at Tj=150℃ for 168hrs
MIL-STD-750D METHOD-1038
Forward Operation Life
MIL-STD-750D METHOD-1027
Intermittent Operation Life
MIL-STD-750D METHOD-1036
Pressure Cooker
15PSIG at TA=121℃ for 4hrs
JESD22-A102
Temperature Cycling
MIL-STD-750D METHOD-1051
Thermal Shock
MIL-STD-750D METHOD-1056
Forward Surge
MIL-STD-750D METHOD-4066-2
Humidity
at TA=85℃,RH=85% for 1000hrs
MIL-STD-750D METHOD-1021
High Temperature Storage Life
at 175℃ for 1000hrs
MIL-STD-750D METHOD-1031
TA=25℃,IF=IO
LMBR120ET1G thru LMBR1200ET1G
Rated average rectifier current
Item Test
Condition
Reference
-55℃ to +125℃ dwelled for 30 min.
and transferred for 5min. Total 10 cycles
0℃ for 5min. Rise to 100℃ for 5min.
Total 10 cycles
8.3ms single half sine-wave
superimposed on rated load,one surge
at 260±5℃ for 10±2sec immerse


Similar Part No. - LMBR1200ETIG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG_15 Datasheet
495Kb / 11P
Schottky Barrier Rectifiers
More results

Similar Description - LMBR1200ETIG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com