Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBR1200ETIG Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBR1200ETIG
Description  Schottky Barrier Rectifiers Schottky Barrier Rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBR1200ETIG Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBR1200ETIG Datasheet HTML 1Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 2Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 3Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 4Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 5Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 6Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 7Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 8Page - Leshan Radio Company LMBR1200ETIG Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2.Ratings and Characteristic Curves ( TA = 25°C unless otherwise noted )
LMBR120ET1G thru LMBR1200ET1G
Fig. 1 – Forward Current Derating Curve
0
25 50 75 100 125 150 175
1.0
0.5
0
60 Hz
Resistive or
Inductive Load
Case Temperature, °C
Fig 4. – Typical Reverse Characteristics
0
20
40
60
80
100
10
1.0
0.1
0.01
0.001
Percent of Rated Peak Reverse Voltage (%)
Tj=125
Tj=75
Tj=25
Fig 6. – Typical Junction Capacitance
0.1
1
10
100
1000
100
10
TJ = 25°C
f = 1.0 MHz
Vsig =
Reverse Voltage (V)
Fig 5. –typical transient thermal
impedance
100
10
1
1000
0.01
0.1
1.0
10
100
t,Pulse duration,sec
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
1
10
100
22
11
0
TJ = TJ max
8.3ms Single Half
Sine-wave
Number of Cycles at 60Hz
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
10
1.0
0.1
0.01
100
Fig 3. – Typical Instantaneous Forward
Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
Instantaneous Forward Voltage (V)
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle


Similar Part No. - LMBR1200ETIG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG_15 Datasheet
495Kb / 11P
Schottky Barrier Rectifiers
More results

Similar Description - LMBR1200ETIG

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com