Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 52 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 52 Page - Epson Company

Back Button S1D13706 Datasheet HTML 48Page - Epson Company S1D13706 Datasheet HTML 49Page - Epson Company S1D13706 Datasheet HTML 50Page - Epson Company S1D13706 Datasheet HTML 51Page - Epson Company S1D13706 Datasheet HTML 52Page - Epson Company S1D13706 Datasheet HTML 53Page - Epson Company S1D13706 Datasheet HTML 54Page - Epson Company S1D13706 Datasheet HTML 55Page - Epson Company S1D13706 Datasheet HTML 56Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 152 page
background image
Page 52
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
Table 6-13: Motorola DragonBall Interface without DTACK Timing
Symbol
Parameter
MC68EZ328
MC68VZ328
Unit
2.0V
3.3V
2.0V
3.3V
Min
Max
Min
Max
Min
Max
Min
Max
fCLKO Bus Clock frequency
16
16
20
33
MHz
TCLKO Bus Clock period
1/fCLKO
1/fCLKO
1/fCLKO
1/fCLKO
ns
t1
Clock pulse width high
28.1
28.1
22.5
13.6
ns
t2
Clock pulse width low
28.1
28.1
22.5
13.6
ns
t3
A[16:1] setup 1st CLKO when CSX = 0 and
either UWE/LWE or OE = 0
00
0
0
ns
t4
A[16:1] hold from CSX rising edge
0
0
0
0
ns
t5a
CSX asserted for MCLK = BCLK
(CPU wait state register should be programmed
to 4 wait states)
888
8
TCLKO
t5b
CSX asserted for MCLK = BCLK
÷ 2
(CPU wait state register should be programmed
to 6 wait states)
11
11
11
11
TCLKO
t5c
CSX asserted for MCLK = BCLK
÷ 3
(CPU wait state register should be programmed
to 10 wait states)
Note 1
Note 1
13
13
TCLKO
t5d
CSX asserted for MCLK = BCLK
÷ 4
(CPU wait state register should be programmed
to 12 wait states)
Note 1
Note 1
17
17
TCLKO
t6
CSX setup to CLKO rising edge
0
0
0
0
ns
t7
CSX rising edge setup to CLKO rising edge
0
0
0
0
ns
t8
UWE/LWE setup to CLKO rising edge
1
0
1
0
ns
t9
UWE/LWE rising edge to CSX rising edge
0
0
0
0
ns
t10
OE setup to CLKO rising edge
1
1
1
1
ns
t11
OE hold from CSX rising edge
0
0
0
0
ns
t12
D[15:0] setup to 3rd CLKO after CSX, UWE/LWE
asserted (write cycle) (see note 2)
10
1
0
ns
t13
CSX rising edge to D[15:0] output Hi-Z (write
cycle)
00
0
0
ns
t14
Falling edge of OE to D[15:0] driven (read cycle)
4
30
3
15
4
30
3
15
ns
t15a
1st CLKO rising edge after OE and CSX
asserted low to D[15:0] valid for MCLK = BCLK
(read cycle)
5.5TCLKO
+ 4
5.5TCLKO
+ 20
5.5TCLKO
+ 4
5.5TCLKO
+ 20
ns
t15b
1st CLKO rising edge after OE and CSX
asserted low to D[15:0] valid for MCLK = BCLK
÷
2 (read cycle)
8TCLKO +
19
8.5TCLKO
+ 20
8TCLKO +
19
8.5TCLKO
+ 20
ns
t15c
1st CLKO rising edge after OE and CSX
asserted low to D[15:0] valid for MCLK = BCLK
÷
3 (read cycle)
9.5TCLKO
+ 17
10.5TCLKO
+ 20
9.5TCLKO
+ 17
10.5TCLKO
+ 20
ns
t15d
1st CLKO rising edge after OE and CSX
asserted low to D[15:0] valid for MCLK = BCLK
÷
4 (read cycle)
13TCLKO
+ 9
14.5TCLKO
+ 20
13TCLKO
+ 9
14.5TCLKO
+ 20
ns
t16
CLKO rising edge to D[15:0] output Hi-Z
(read cycle)
4212
12
421
2
12
ns


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com