Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 44 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 44 Page - Epson Company

Back Button S1D13706 Datasheet HTML 40Page - Epson Company S1D13706 Datasheet HTML 41Page - Epson Company S1D13706 Datasheet HTML 42Page - Epson Company S1D13706 Datasheet HTML 43Page - Epson Company S1D13706 Datasheet HTML 44Page - Epson Company S1D13706 Datasheet HTML 45Page - Epson Company S1D13706 Datasheet HTML 46Page - Epson Company S1D13706 Datasheet HTML 47Page - Epson Company S1D13706 Datasheet HTML 48Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 152 page
background image
Page 44
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
1.
t17 is the delay from when data is placed on the bus until the data is latched into the write buffer.
Table 6-9: Motorola MC68K #1 Interface Timing
Symbol
Parameter
2.0V
3.3V
Unit
Min
Max
Min
Max
fCLK
Bus Clock Frequency
20
50
MHz
TCLK
Bus Clock period
1/fCLK
1/fCLK
ns
t1
Clock pulse width high
22.5
9
ns
t2
Clock pulse width low
22.5
9
ns
t3
A[16:1], M/R# setup to first CLK rising edge where CS# = 0,
AS# = 0, UDS# = 0, and LDS# = 0
11
ns
t4
A[16:1], M/R# hold from AS# rising edge
0
0
ns
t5
CS# setup to CLK rising edge while CS#, AS#, UDS#/LDS# = 0
0
1
ns
t6
CS# hold from AS# rising edge
0
0
ns
t7a
AS# asserted for MCLK = BCLK
8
8
TCLK
t7b
AS# asserted for MCLK = BCLK
÷ 211
11
TCLK
t7c
AS# asserted for MCLK = BCLK
÷ 313
13
TCLK
t7d
AS# asserted for MCLK = BCLK
÷ 418
18
TCLK
t8
AS# setup to CLK rising edge while CS#, AS#, UDS#/LDS# = 0
1
1
ns
t9
AS# setup to CLK rising edge
1
2
ns
t10
UDS#/LDS# setup to CLK rising edge while CS#, AS#,
UDS#/LDS# = 0
31
ns
t11
UDS#/LDS# high setup to CLK rising edge
3
2
ns
t12
First CLK rising edge where AS# = 1 to DTACK# high impedance
5
40
3
14
ns
t13
R/W# setup to CLK rising edge before all CS#, AS#, UDS# and/or
LDS# = 0
01
ns
t14
R/W# hold from AS# rising edge
0
0
ns
t15
AS# = 0 and CS# = 0 to DTACK# driven high
4
23
3
13
ns
t16
AS# rising edge to DTACK# rising edge
6
39
4
16
ns
t17
D[15:0] valid to third CLK rising edge where CS# = 0, AS# = 0 and
either UDS# = 0 or LDS# = 0 (write cycle) (see note 1)
10
ns
t18
D[15:0] hold from DTACK# falling edge (write cycle)
0
0
ns
t19
UDS# = 0 and/or LDS# = 0 to D[15:0] driven (read cycle)
4
27
3
13
ns
t20
DTACK# falling edge to D[15:0] valid (read cycle)
0
2
ns
t21
UDS#, LDS# rising edge to D[15:0] high impedance (read cycle)
5
33
3
13
ns


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com