Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 42 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 42 Page - Epson Company

Back Button S1D13706 Datasheet HTML 38Page - Epson Company S1D13706 Datasheet HTML 39Page - Epson Company S1D13706 Datasheet HTML 40Page - Epson Company S1D13706 Datasheet HTML 41Page - Epson Company S1D13706 Datasheet HTML 42Page - Epson Company S1D13706 Datasheet HTML 43Page - Epson Company S1D13706 Datasheet HTML 44Page - Epson Company S1D13706 Datasheet HTML 45Page - Epson Company S1D13706 Datasheet HTML 46Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 152 page
background image
Page 42
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
1.
t14 is the delay from when data is placed on the bus until the data is latched into the write buffer.
Note
Minimum one software WAIT state is required.
Table 6-8: Hitachi SH-3 Interface Timing
Symbol
Parameter
2.0V
3.3V
Unit
Min
Max
Min
Max
fCKIO
Bus Clock frequency
20
66
MHz
TCKIO
Bus Clock period
1/fCKIO
1/fCKIO
ns
t1
Bus Clock pulse width low
22.5
6.8
ns
t2
Bus Clock pulse width high
22.5
6.8
ns
t3
A[16:1], M/R#, RD/WR# setup to CKIO
01
ns
t4
CSn# high setup to CKIO
01
ns
t5
BS# setup
31
ns
t6
BS# hold
72
ns
t7
CSn# setup
01
ns
t8
A[16:1], M/R#, RD/WR# hold from CS#
00
ns
t9a
RD# or WEn# asserted for MCLK = BCLK (max. MCLK = 50MHz)
8.5
8.5
TCKIO
t9b
RD# or WEn# asserted for MCLK = BCLK
÷ 2
11.5
11.5
TCKIO
t9c
RD# or WEn# asserted for MCLK = BCLK
÷ 3
13.5
13.5
TCKIO
t9d
RD# or WEn# asserted for MCLK = BCLK
÷ 4
18.5
18.5
TCKIO
t10
Falling edge RD# to D[15:0] driven (read cycle)
5243
12
ns
t11
Rising edge CSn# to WAIT# high impedance
4242
10
ns
t12
Falling edge CSn# to WAIT# driven low
3242
12
ns
t13
CKIO to WAIT# delay
6454
18
ns
t14
D[15:0] setup to 2nd CKIO after BS# (write cycle) (see note 1)
10
ns
t15
D[15:0] hold (write cycle)
00
ns
t16
WAIT# rising edge to D[15:0] valid (read cycle)
02
ns
t17
Rising edge RD# to D[15:0] high impedance (read cycle)
5313
12
ns


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com