Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 33 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 33 Page - Epson Company

Back Button S1D13706 Datasheet HTML 29Page - Epson Company S1D13706 Datasheet HTML 30Page - Epson Company S1D13706 Datasheet HTML 31Page - Epson Company S1D13706 Datasheet HTML 32Page - Epson Company S1D13706 Datasheet HTML 33Page - Epson Company S1D13706 Datasheet HTML 34Page - Epson Company S1D13706 Datasheet HTML 35Page - Epson Company S1D13706 Datasheet HTML 36Page - Epson Company S1D13706 Datasheet HTML 37Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 152 page
background image
Epson Research and Development
Page 33
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
Note
Maximum internal requirements for clocks derived from CLKI must be considered
when determining the frequency of CLKI. See Section 6.1.2, “Internal Clocks” on page
34 for internal clock requirements.
Note
Maximum internal requirements for clocks derived from CLKI2 must be considered
when determining the frequency of CLKI2. See Section 6.1.2, “Internal Clocks” on page
34 for internal clock requirements.
Table 6-2: Clock Input Requirements for CLKI when CLKI to BCLK divide = 1
Symbol
Parameter
2.0V
3.3V
Units
MinMax
MinMax
f
OSC
Input Clock Frequency (CLKI)
20
66
MHz
T
OSC
Input Clock period (CLKI)
1/f
OSC
1/f
OSC
ns
t
PWH
Input Clock Pulse Width High (CLKI)
3
3
ns
t
PWL
Input Clock Pulse Width Low (CLKI)
3
3
ns
t
f
Input Clock Fall Time (10% - 90%)
5
5
ns
t
r
Input Clock Rise Time (10% - 90%)
5
5
ns
Table 6-3: Clock Input Requirements for CLKI2
Symbol
Parameter
2.0V
3.3V
Units
MinMax
MinMax
f
OSC
Input Clock Frequency (CLKI2)
20
66
MHz
T
OSC
Input Clock period (CLKI2)
1/f
OSC
1/f
OSC
ns
t
PWH
Input Clock Pulse Width High (CLKI2)
3
3
ns
t
PWL
Input Clock Pulse Width Low (CLKI2)
3
3
ns
t
f
Input Clock Fall Time (10% - 90%)
5
5
ns
t
r
Input Clock Rise Time (10% - 90%)
5
5
ns


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com