Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 31 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 31 Page - Epson Company

Back Button S1D13706 Datasheet HTML 27Page - Epson Company S1D13706 Datasheet HTML 28Page - Epson Company S1D13706 Datasheet HTML 29Page - Epson Company S1D13706 Datasheet HTML 30Page - Epson Company S1D13706 Datasheet HTML 31Page - Epson Company S1D13706 Datasheet HTML 32Page - Epson Company S1D13706 Datasheet HTML 33Page - Epson Company S1D13706 Datasheet HTML 34Page - Epson Company S1D13706 Datasheet HTML 35Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 152 page
background image
Epson Research and Development
Page 31
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
5 D.C. Characteristics
Note
The S1D13706 requires that Core VDD
≤ HIO VDD and Core VDD ≤ NIO VDD.
Table 5-1: Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
Core VDD
Supply Voltage
VSS - 0.3 to 4.0
V
IO VDD
Supply Voltage
VSS - 0.3 to 4.0
V
VIN
Input Voltage
VSS - 0.3 to IO VDD + 0.5
V
VOUT
Output Voltage
VSS - 0.3 to IO VDD + 0.5
V
TSTG
Storage Temperature
-65 to 150
° C
TSOL
Solder Temperature/Time
260 for 10 sec. max at lead
° C
Table 5-2: Recommended Operating Conditions
Symbol
Parameter
Condition
Min
Typ
Max
Units
Core VDD
Supply Voltage
VSS = 0 V
1.8
2.0
2.2
V
3.0
3.3
3.6
V
HIO VDD
Supply Voltage
VSS = 0 V
1.8
2.0
2.2
V
3.0
3.3
3.6
V
NIO VDD
Supply Voltage
VSS = 0 V
3.0
3.3
3.6
V
VIN
Input Voltage
VSS
IO VDD
V
TOPR
Operating Temperature
-40
25
85
° C
Table 5-3: Electrical Characteristics for VDD = 3.3V typical
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDDS
Quiescent Current
Quiescent Conditions
170
µA
IIZ
Input Leakage Current
-1
1
µA
IOZ
Output Leakage Current
-1
1
µA
VOH
High Level Output Voltage
VDD = min
IOH =
-6mA (Type 2)
-12mA (Type 3)
VDD - 0.4
V
VOL
Low Level Output Voltage
VDD = min
IOL =
6mA (Type 2)
12mA (Type 3)
0.4
V
VIH
High Level Input Voltage
LVTTL Level, VDD = max 2.0
V
VIL
Low Level Input Voltage
LVTTL Level, VDD = min
0.8
V
VT+
High Level Input Voltage
LVTTL Schmitt
1.1
2.4
V
VT-
Low Level Input Voltage
LVTTL Schmitt
0.6
1.8
V
VH1
Hysteresis Voltage
LVTTL Schmitt
0.1
V
RPD
Pull Down Resistance
VI = VDD
20
50
120
k
CI
Input Pin Capacitance
10
pF
CO
Output Pin Capacitance
10
pF
CIO
Bi-Directional Pin Capacitance
10
pF


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com