Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 30 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 30 Page - Epson Company

Back Button S1D13706 Datasheet HTML 26Page - Epson Company S1D13706 Datasheet HTML 27Page - Epson Company S1D13706 Datasheet HTML 28Page - Epson Company S1D13706 Datasheet HTML 29Page - Epson Company S1D13706 Datasheet HTML 30Page - Epson Company S1D13706 Datasheet HTML 31Page - Epson Company S1D13706 Datasheet HTML 32Page - Epson Company S1D13706 Datasheet HTML 33Page - Epson Company S1D13706 Datasheet HTML 34Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 152 page
background image
Page 30
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
4.6 LCD Interface Pin Mapping
Note
1 GPIO pins must be configured as outputs (CNF3 = 0 at RESET#) when the HR-TFT or
D-TFD interface is selected.
2 These pin mappings use signal names commonly used for each panel type, however
signal names may differ between panel manufacturers. The values shown in brackets
represent the color components as mapped to the corresponding FPDATxx signals at
the first valid edge of FPSHIFT. For further FPDATxx to LCD interface mapping, see
Section 6.4, “Display Interface” on page 56.
3 When the HR-TFT interface is selected (REG[10h] bits 1-0 = 10), this GPO can be
used to control the HR-TFT MOD signal. Note this is not the same signal as the
S1D13706 DRDY(MOD) signal used for passive panels.
Table 4-9: LCD Interface Pin Mapping
Pin Name
Monochrome Passive
Panel
Color Passive Panel
Color TFT Panel
Single
Single
Others
Sharp HR-
TFT1
Epson
D-TFD1
4-bit
Format 1
8-bit
Format 2
8-bit
16-Bit
4-bit
8-bit
9-bit
12-bit
18-bit
18-bit
18-bit
FPFRAME
FPFRAME
SPS
DY
FPLINE
FPLINE
LP
LP
FPSHIFT
FPSHIFT
DCLK
XSCL
DRDY
MOD
FPSHIFT2
MOD
DRDY
no connect
GCP
FPDAT0
driven 0
D0
driven 0
D0 (B5)2
D0 (G3)2
D0 (R6)2
R2
R3
R5
R5
R5
FPDAT1
driven 0
D1
driven 0
D1 (R5)2
D1 (R3)2
D1 (G5)2
R1
R2
R4
R4
R4
FPDAT2
driven 0
D2
driven 0
D2 (G4)2
D2 (B2)2
D2 (B4)2
R0
R1
R3
R3
R3
FPDAT3
driven 0
D3
driven 0
D3 (B3)2
D3 (G2)2
D3 (R4)2
G2
G3
G5
G5
G5
FPDAT4
D0
D4
D0 (R2)2
D4 (R3)2
D4 (R2)2
D8 (B5)2
G1
G2
G4
G4
G4
FPDAT5
D1
D5
D1 (B1)2
D5 (G2)2
D5 (B1)2
D9 (R5)2
G0
G1
G3
G3
G3
FPDAT6
D2
D6
D2 (G1)2
D6 (B1)2
D6 (G1)2
D10 (G4)2
B2
B3
B5
B5
B5
FPDAT7
D3
D7
D3 (R1)2
D7 (R1)2
D7 (R1)2
D11 (B3)2
B1
B2
B4
B4
B4
FPDAT8
driven 0
driven 0
driven 0
driven 0
driven 0
D4 (G3)2
B0
B1
B3
B3
B3
FPDAT9
driven 0
driven 0
driven 0
driven 0
driven 0
D5 (B2)2
driven 0
R0
R2R2R2
FPDAT10
driven 0
driven 0
driven 0
driven 0
driven 0
D6 (R2)2
driven 0
driven 0
R1R1R1
FPDAT11
driven 0
driven 0
driven 0
driven 0
driven 0
D7 (G1)2
driven 0
driven 0
R0R0R0
FPDAT12
driven 0
driven 0
driven 0
driven 0
driven 0
D12 (R3)2
driven 0
G0
G2G2G2
FPDAT13
driven 0
driven 0
driven 0
driven 0
driven 0
D13 (G2)2
driven 0
driven 0
G1G1G1
FPDAT14
driven 0
driven 0
driven 0
driven 0
driven 0
D14 (B1)2
driven 0
driven 0
G0G0G0
FPDAT15
driven 0
driven 0
driven 0
driven 0
driven 0
D15 (R1)2
driven 0
B0
B2B2B2
FPDAT16
driven 0
driven 0
driven 0
driven 0
driven 0
driven 0
driven 0
driven 0
B1B1B1
FPDAT17
driven 0
driven 0
driven 0
driven 0
driven 0
driven 0
driven 0
driven 0
B0B0B0
GPIO0
GPIO0
GPIO0
GPIO0
GPIO0
GPIO0
GPIO0
GPIO0
GPIO0
GPIO0
PS
XINH
GPIO1
GPIO1
GPIO1
GPIO1
GPIO1
GPIO1
GPIO1
GPIO1
GPIO1
GPIO1
CLS
YSCL
GPIO2
GPIO2
GPIO2
GPIO2
GPIO2
GPIO2
GPIO2
GPIO2
GPIO2
GPIO2
REV
FR
GPIO3
GPIO3
GPIO3
GPIO3
GPIO3
GPIO3
GPIO3
GPIO3
GPIO3
GPIO3
SPL
FRS
GPIO4
GPIO4
GPIO4
GPIO4
GPIO4
GPIO4
GPIO4
GPIO4
GPIO4
GPIO4
GPIO4
(output only)
RES
GPIO5
GPIO5
GPIO5
GPIO5
GPIO5
GPIO5
GPIO5
GPIO5
GPIO5
GPIO5
GPIO5
(output only)
DD_P1
GPIO6
GPIO6
GPIO6
GPIO6
GPIO6
GPIO6
GPIO6
GPIO6
GPIO6
GPIO6
GPIO6
(output only)
YSCLD
GPO
GPO (General Purpose Output)
MOD3
GPO
CVOUT
CVOUT
PWMOUT
PWMOUT


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com