Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 25 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 25 Page - Epson Company

Back Button S1D13706 Datasheet HTML 21Page - Epson Company S1D13706 Datasheet HTML 22Page - Epson Company S1D13706 Datasheet HTML 23Page - Epson Company S1D13706 Datasheet HTML 24Page - Epson Company S1D13706 Datasheet HTML 25Page - Epson Company S1D13706 Datasheet HTML 26Page - Epson Company S1D13706 Datasheet HTML 27Page - Epson Company S1D13706 Datasheet HTML 28Page - Epson Company S1D13706 Datasheet HTML 29Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 152 page
background image
Epson Research and Development
Page 25
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
4.3.2 LCD Interface
Table 4-3: LCD Interface Pin Descriptions
Pin Name
Type
Pin #
Cell
IO
Voltage
RESET#
State
Description
FPDAT[17:0]
O
74-64,
61-55
LB3P
NIOVDD
0
Panel Data bits 17-0.
FPFRAME
O
52
LB3P
NIOVDD
0
This output pin has multiple functions.
•Frame Pulse
• SPS for Sharp HR-TFT
• DY for Epson D-TFD
See Table 4-9: “LCD Interface Pin Mapping,” on page 30 for
summary.
FPLINE
O
53
LB3P
NIOVDD
0
This output pin has multiple functions.
•Line Pulse
• LP for Sharp HR-TFT
• LP for Epson D-TFD
See Table 4-9: “LCD Interface Pin Mapping,” on page 30 for
summary.
FPSHIFT
O
54
LB3P
NIOVDD
0
This output pin has multiple functions.
• Shift Clock
• CLK for Sharp HR-TFT
• XSCL for Epson D-TFD
See Table 4-9: “LCD Interface Pin Mapping,” on page 30 for
summary.
DRDY
O
48
LO3
NIOVDD
0
This output pin has multiple functions.
• Display enable (DRDY) for TFT panels
• 2nd shift clock (FPSHIFT2) for passive LCD with Format 1
interface
• GCP for Epson D-TFD
• LCD backplane bias signal (MOD) for all other LCD panels
See Table 4-9: “LCD Interface Pin Mapping,” on page 30 for
summary.
GPIO0
IO
45
LB3M
NIOVDD
0
This pin has multiple functions.
• PS for Sharp HR-TFT
• XINH for Epson D-TFD
• General purpose IO pin 0 (GPIO0)
• Hardware Video Invert
See Table 4-9: “LCD Interface Pin Mapping,” on page 30 for
summary.
GPIO1
IO
44
LB3M
NIOVDD
0
This pin has multiple functions.
• CLS for Sharp HR-TFT
• YSCL for Epson D-TFD
• General purpose IO pin 1 (GPIO1)
See Table 4-9: “LCD Interface Pin Mapping,” on page 30 for
summary.


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com