Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 22 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 22 Page - Epson Company

Back Button S1D13706 Datasheet HTML 18Page - Epson Company S1D13706 Datasheet HTML 19Page - Epson Company S1D13706 Datasheet HTML 20Page - Epson Company S1D13706 Datasheet HTML 21Page - Epson Company S1D13706 Datasheet HTML 22Page - Epson Company S1D13706 Datasheet HTML 23Page - Epson Company S1D13706 Datasheet HTML 24Page - Epson Company S1D13706 Datasheet HTML 25Page - Epson Company S1D13706 Datasheet HTML 26Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 152 page
background image
Page 22
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
DB[15:0]
IO
18-24,
27-35
LB2A
HIOVDD
Hi-Z
Input data from the system data bus.
• For Generic #1, these pins are connected to D[15:0].
• For Generic #2, these pins are connected to D[15:0].
• For SH-3/SH-4, these pins are connected to D[15:0].
• For MC68K #1, these pins are connected to D[15:0].
• For MC68K #2, these pins are connected to D[31:16] for a 32-
bit device (e.g. MC68030) or D[15:0] for a 16-bit device (e.g.
MC68340).
• For REDCAP2, these pins are connected to D[15:0].
• For DragonBall, these pins are connected to D[15:0].
See Table 4-8: “Host Bus Interface Pin Mapping,” on page 29 for
summary.
WE0#
I
10
LIS
HIOVDD
1
This input pin has multiple functions.
• For Generic #1, this pin inputs the write enable signal for the
lower data byte (WE0#).
• For Generic #2, this pin inputs the write enable signal (WE#)
• For SH-3/SH-4, this pin inputs the write enable signal for data
byte 0 (WE0#).
• For MC68K #1, this pin must be tied to HIO VDD
• For MC68K #2, this pin inputs the bus size bit 0 (SIZ0).
• For REDCAP2, this pin inputs the byte enable signal for the
D[7:0] data byte (EB1).
• For DragonBall, this pin inputs the byte enable signal for the
D[7:0] data byte (LWE).
See Table 4-8: “Host Bus Interface Pin Mapping,” on page 29 for
summary.
WE1#
I
11
LIS
HIOVDD
1
This input pin has multiple functions.
• For Generic #1, this pin inputs the write enable signal for the
upper data byte (WE1#).
• For Generic #2, this pin inputs the byte enable signal for the
high data byte (BHE#).
• For SH-3/SH-4, this pin inputs the write enable signal for data
byte 1 (WE1#).
• For MC68K #1, this pin inputs the upper data strobe (UDS#).
• For MC68K #2, this pin inputs the data strobe (DS#).
• For REDCAP2, this pin inputs the byte enable signal for the
D[15:8] data byte (EB0).
• For DragonBall, this pin inputs the byte enable signal for the
D[15:8] data byte (UWE).
See Table 4-8: “Host Bus Interface Pin Mapping,” on page 29 for
summary.
CS#
I
6
LI
HIOVDD
1
Chip select input. See Table 4-8: “Host Bus Interface Pin Mapping,”
on page 29 for summary.
M/R#
I
7
LIS
HIOVDD
0
This input pin is used to select between the display buffer and
register address spaces of the S1D13706. M/R# is set high to
access the display buffer and low to access the registers. See
Table 4-8: “Host Bus Interface Pin Mapping,” on page 29 for
summary.
Table 4-2: Host Interface Pin Descriptions
Pin Name
Type
Pin #
Cell
IO
Voltage
RESET#
State
Description


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com