Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 18 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 18 Page - Epson Company

Back Button S1D13706 Datasheet HTML 14Page - Epson Company S1D13706 Datasheet HTML 15Page - Epson Company S1D13706 Datasheet HTML 16Page - Epson Company S1D13706 Datasheet HTML 17Page - Epson Company S1D13706 Datasheet HTML 18Page - Epson Company S1D13706 Datasheet HTML 19Page - Epson Company S1D13706 Datasheet HTML 20Page - Epson Company S1D13706 Datasheet HTML 21Page - Epson Company S1D13706 Datasheet HTML 22Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 152 page
background image
Page 18
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
4 Pins
4.1 Pinout Diagram - TQFP15 - 100pin
Figure 4-1: Pinout Diagram - TQFP15 - 100pin (S1D13706F00A)
Note
Package type: 100 pin surface mount TQFP15
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
81
82
83
84
85
32
33
34
35
36
37
38
39
40
41
42
43
44
45
50
49
48
47
46
31
26
27
28
29
30
80
79
78
77
76
AB6
AB7
AB8
AB9
AB10
AB11
AB12
AB13
AB14
AB15
AB16
TESTEN
CNF0
CNF1
CNF2
CNF3
CNF4
CNF5
CNF6
CNF7
DB7
DB5
DB4
DB3
DB2
DB1
DB0
VSS
NIOVDD
PWMOUT
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
CVOUT
GPO
S1D13706
AB5
VSS
AB4
HIOVDD
DB8
CLKI2
NIOVDD
NIOVDD
DRDY
DB6
VSS


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com