Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 10 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 10 Page - Epson Company

Back Button S1D13706 Datasheet HTML 6Page - Epson Company S1D13706 Datasheet HTML 7Page - Epson Company S1D13706 Datasheet HTML 8Page - Epson Company S1D13706 Datasheet HTML 9Page - Epson Company S1D13706 Datasheet HTML 10Page - Epson Company S1D13706 Datasheet HTML 11Page - Epson Company S1D13706 Datasheet HTML 12Page - Epson Company S1D13706 Datasheet HTML 13Page - Epson Company S1D13706 Datasheet HTML 14Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 152 page
background image
Page 10
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
Figure 6-28: 18-Bit TFT Panel Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .73
Figure 6-29: TFT A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .74
Figure 6-30: 160x160 Sharp ‘Direct’ HR-TFT Panel Horizontal Timing . . . . . . . . . . . . . . . .76
Figure 6-31: 160x160 Sharp ‘Direct’ HR-TFT Panel Vertical Timing. . . . . . . . . . . . . . . . . .78
Figure 6-32: 320x240 Sharp ‘Direct’ HR-TFT Panel Horizontal Timing . . . . . . . . . . . . . . . .80
Figure 6-33: 320x240 Sharp ‘Direct’ HR-TFT Panel Vertical Timing. . . . . . . . . . . . . . . . . .81
Figure 6-34: 160x240 Epson D-TFD Panel Horizontal Timing . . . . . . . . . . . . . . . . . . . . .82
Figure 6-35: 160x240 Epson D-TFD Panel GCP Horizontal Timing . . . . . . . . . . . . . . . . . .84
Figure 6-36: 160x240 Epson D-TFD Panel Vertical Timing . . . . . . . . . . . . . . . . . . . . . . .85
Figure 6-37: 320x240 Epson D-TFD Panel Horizontal Timing . . . . . . . . . . . . . . . . . . . . .86
Figure 6-38: 320x240 Epson D-TFD Panel GCP Horizontal Timing . . . . . . . . . . . . . . . . . .88
Figure 6-39: 320x240 Epson D-TFD Panel Vertical Timing . . . . . . . . . . . . . . . . . . . . . . .89
Figure 7-1: Clock Selection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .93
Figure 8-1: Display Data Byte/Word Swap . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
Figure 8-2: PWM Clock/CV Pulse Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 126
Figure 10-1: 4/8/16 Bit-Per-Pixel Display Data Memory Organization . . . . . . . . . . . . . . . . 131
Figure 11-1: 1 Bit-per-pixel Monochrome Mode Data Output Path . . . . . . . . . . . . . . . . . . 132
Figure 11-2: 2 Bit-per-pixel Monochrome Mode Data Output Path . . . . . . . . . . . . . . . . . . 132
Figure 11-3: 4 Bit-per-pixel Monochrome Mode Data Output Path . . . . . . . . . . . . . . . . . . 133
Figure 11-4: 8 Bit-per-pixel Monochrome Mode Data Output Path . . . . . . . . . . . . . . . . . . 133
Figure 11-5: 1 Bit-Per-Pixel Color Mode Data Output Path . . . . . . . . . . . . . . . . . . . . . . 134
Figure 11-6: 2 Bit-Per-Pixel Color Mode Data Output Path . . . . . . . . . . . . . . . . . . . . . . 135
Figure 11-7: 4 Bit-Per-Pixel Color Mode Data Output Path . . . . . . . . . . . . . . . . . . . . . . 136
Figure 11-8: 8 Bit-per-pixel Color Mode Data Output Path . . . . . . . . . . . . . . . . . . . . . . 137
Figure 12-1: Relationship Between The Screen Image and the Image Refreshed in 90× SwivelView. 138
Figure 12-2: Relationship Between The Screen Image and the Image Refreshed in 180× SwivelView.140
Figure 12-3: Relationship Between The Screen Image and the Image Refreshed in 270× SwivelView.141
Figure 13-1: Picture-in-Picture Plus with SwivelView disabled . . . . . . . . . . . . . . . . . . . . 143
Figure 13-2: Picture-in-Picture Plus with SwivelView 90° enabled . . . . . . . . . . . . . . . . . . 144
Figure 13-3: Picture-in-Picture Plus with SwivelView 180° enabled . . . . . . . . . . . . . . . . . 144
Figure 13-4: Picture-in-Picture Plus with SwivelView 270° enabled . . . . . . . . . . . . . . . . . 145
Figure 14-1: Byte-swapping for 16 Bpp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 147
Figure 14-2: Byte-swapping for 1/2/4/8 Bpp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 148
Figure 16-1: Mechanical Data 100pin TQFP15 (S1D13706F00A) . . . . . . . . . . . . . . . . . . 150


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com