Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 96 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 96 Page - Epson Company

Back Button S1D13706 Datasheet HTML 92Page - Epson Company S1D13706 Datasheet HTML 93Page - Epson Company S1D13706 Datasheet HTML 94Page - Epson Company S1D13706 Datasheet HTML 95Page - Epson Company S1D13706 Datasheet HTML 96Page - Epson Company S1D13706 Datasheet HTML 97Page - Epson Company S1D13706 Datasheet HTML 98Page - Epson Company S1D13706 Datasheet HTML 99Page - Epson Company S1D13706 Datasheet HTML 100Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 152 page
background image
Page 96
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
8.3 Register Descriptions
Unless specified otherwise, all register bits are set to 0 during power-on.
8.3.1 Read-Only Configuration Registers
Note
The S1D13706 returns a value of 28h.
bits 7-2
Product Code
These are read-only bits that indicates the product code. The product code is 001010.
bits 1-0
Revision Code
These are read-only bits that indicates the revision code. The revision code is 00.
Picture-in-Picture Plus (PIP+) Registers
REG[7Ch] PIP+ Window Display Start Address Register 0
115
REG[7Dh] PIP+ Window Display Start Address Register 1
115
REG[7Eh] PIP+ Window Display Start Address Register 2
115
REG[80h] PIP+ Window Line Address Offset Register 0
115
REG[81h] PIP+ Window Line Address Offset Register 1
115
REG[84h] PIP+ Window X Start Position Register 0
116
REG[85h] PIP+ Window X Start Position Register 1
116
REG[88h] PIP+ Window Y Start Position Register 0
117
REG[89h] PIP+ Window Y Start Position Register 1
117
REG[8Ch] PIP+ Window X End Position Register 0
118
REG[8Dh] PIP+ Window X End Position Register 1
118
REG[90h] PIP+ Window Y End Position Register 0
119
REG[91h] PIP+ Window Y End Position Register 1
119
Miscellaneous Registers
REG[A0h] Power Save Configuration Register
120
REG[A1h] Reserved
120
REG[A2h] Reserved
121
REG[A3h] Reserved
121
REG[A4h] Scratch Pad Register 0
121
REG[A5h] Scratch Pad Register 1
121
General Purpose IO Pins Registers
REG[A8h] General Purpose IO Pins Configuration Register 0
122
REG[A9h] General Purpose IO Pins Configuration Register 1
122
REG[ACh] General Purpose IO Pins Status/Control Register 0 123
REG[ADh] General Purpose IO Pins Status/Control Register 1 125
PWM Clock and CV Pulse Configuration Registers
REG[B0h] PWM Clock / CV Pulse Control Register
126
REG[B1h] PWM Clock / CV Pulse Configuration Register
128
REG[B2h] CV Pulse Burst Length Register
129
REG[B3h] PWMOUT Duty Cycle Register
129
Revision Code Register
REG[00h]
Read Only
Product Code Bits 5-0
Revision Code Bits 1-0
76543210
Table 8-1: S1D13706 Register Set
Register
Pg
Register
Pg


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com