Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 95 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 95 Page - Epson Company

Back Button S1D13706 Datasheet HTML 91Page - Epson Company S1D13706 Datasheet HTML 92Page - Epson Company S1D13706 Datasheet HTML 93Page - Epson Company S1D13706 Datasheet HTML 94Page - Epson Company S1D13706 Datasheet HTML 95Page - Epson Company S1D13706 Datasheet HTML 96Page - Epson Company S1D13706 Datasheet HTML 97Page - Epson Company S1D13706 Datasheet HTML 98Page - Epson Company S1D13706 Datasheet HTML 99Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 152 page
background image
Epson Research and Development
Page 95
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
8 Registers
This section discusses how and where to access the S1D13706 registers. It also provides
detailed information about the layout and usage of each register.
8.1 Register Mapping
The S1D13706 registers are memory-mapped. When the system decodes the input pins as
CS# = 0 and M/R# = 0, the registers may be accessed. The register space is decoded by
A[16:0].
8.2 Register Set
The S1D13706 register set is as follows.
Table 8-1: S1D13706 Register Set
Register
Pg
Register
Pg
Read-Only Configuration Registers
REG[00h] Revision Code Register
96
REG[01h] Display Buffer Size Register
97
REG[02h] Configuration Readback Register
97
Clock Configuration Registers
REG[04h] Memory Clock Configuration Register
97
REG[05h] Pixel Clock Configuration Register
98
Look-Up Table Registers
REG[08h] Look-Up Table Blue Write Data Register
99
REG[09h] Look-Up Table Green Write Data Register
99
REG[0Ah] Look-Up Table Red Write Data Register
99
REG[0Bh] Look-Up Table Write Address Register
100
REG[0Ch] Look-Up Table Blue Read Data Register
100
REG[0Dh] Look-Up Table Green Read Data Register
100
REG[0Eh] Look-Up Table Red Read Data Register
101
REG[0Fh] Look-Up Table Read Address Register
101
Panel Configuration Registers
REG[10h] Panel Type Register
101
REG[11h] MOD Rate Register
103
REG[12h] Horizontal Total Register
103
REG[14h] Horizontal Display Period Register
103
REG[16h] Horizontal Display Period Start Position Register 0
104
REG[17h] Horizontal Display Period Start Position Register 1
104
REG[18h] Vertical Total Register 0
105
REG[19h] Vertical Total Register 1
105
REG[1Ch] Vertical Display Period Register 0
105
REG[1Dh] Vertical Display Period Register 1
105
REG[1Eh] Vertical Display Period Start Position Register 0
106
REG[1Fh] Vertical Display Period Start Position Register 1
106
REG[20h] FPLINE Pulse Width Register
106
REG[22h] FPLINE Pulse Start Position Register 0
107
REG[23h] FPLINE Pulse Start Position Register 1
107
REG[24h] FPFRAME Pulse Width Register
107
REG[26h] FPFRAME Pulse Start Position Register 0
108
REG[27h] FPFRAME Pulse Start Position Register 1
108
REG[28h] D-TFD GCP Index Register
108
REG[2Ch] D-TFD GCP Data Register
108
Display Mode Registers
REG[70h] Display Mode Register
109
REG[71h] Special Effects Register
111
REG[74h] Main Window Display Start Address Register 0
113
REG[75h] Main Window Display Start Address Register 1
113
REG[76h] Main Window Display Start Address Register 2
113
REG[78h] Main Window Line Address Offset Register 0
114
REG[79h] Main Window Line Address Offset Register 1
114


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com