Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 91 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 91 Page - Epson Company

Back Button S1D13706 Datasheet HTML 87Page - Epson Company S1D13706 Datasheet HTML 88Page - Epson Company S1D13706 Datasheet HTML 89Page - Epson Company S1D13706 Datasheet HTML 90Page - Epson Company S1D13706 Datasheet HTML 91Page - Epson Company S1D13706 Datasheet HTML 92Page - Epson Company S1D13706 Datasheet HTML 93Page - Epson Company S1D13706 Datasheet HTML 94Page - Epson Company S1D13706 Datasheet HTML 95Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 152 page
background image
Epson Research and Development
Page 91
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
7.1.3 PCLK
PCLK is the internal clock used to control the LCD panel. PCLK should be chosen to match
the optimum frame rate of the LCD panel. See Section 9, “Frame Rate Calculation” on page
130 for details on the relationship between PCLK and frame rate.
Some flexibility is possible in the selection of PCLK. Firstly, LCD panels typically have a
range of permissible frame rates. Secondly, it may be possible to choose a higher PCLK
frequency and tailor the horizontal and vertical non-display periods to lower the frame-rate
to its optimal value.
The source clock options for PCLK may be selected as in the following table.
Table 7-3: PCLK Clock Selection
Source Clock Options
PCLK Selection
MCLK
REG[05h] = 00h
MCLK
÷2
REG[05h] = 10h
MCLK
÷3
REG[05h] = 20h
MCLK
÷4
REG[05h] = 30h
MCLK
÷8
REG[05h] = 40h
BCLK
REG[05h] = 01h
BCLK
÷2
REG[05h] = 11h
BCLK
÷3
REG[05h] = 21h
BCLK
÷4
REG[05h] = 31h
BCLK
÷8
REG[05h] = 41h
CLKI
REG[05h] = 02h
CLKI
÷2
REG[05h] = 12h
CLKI
÷3
REG[05h] = 22h
CLKI
÷4
REG[05h] = 32h
CLKI
÷8
REG[05h] = 42h
CLKI2
REG[05h] = 03h
CLKI2
÷2
REG[05h] = 13h
CLKI2
÷3
REG[05h] = 23h
CLKI2
÷4
REG[05h] = 33h
CLKI2
÷8
REG[05h] = 43h


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com