Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 90 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 90 Page - Epson Company

Back Button S1D13706 Datasheet HTML 86Page - Epson Company S1D13706 Datasheet HTML 87Page - Epson Company S1D13706 Datasheet HTML 88Page - Epson Company S1D13706 Datasheet HTML 89Page - Epson Company S1D13706 Datasheet HTML 90Page - Epson Company S1D13706 Datasheet HTML 91Page - Epson Company S1D13706 Datasheet HTML 92Page - Epson Company S1D13706 Datasheet HTML 93Page - Epson Company S1D13706 Datasheet HTML 94Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 152 page
background image
Page 90
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
7 Clocks
7.1 Clock Descriptions
7.1.1 BCLK
BCLK is an internal clock derived from CLKI. BCLK can be a divided version (
÷1, ÷2, ÷3,
÷4) of CLKI. CLKI is typically derived from the host CPU bus clock.
The source clock options for BCLK may be selected as in the following table.
Note
For synchronous bus interfaces, it is recommended that BCLK be set the same as the
CPU bus clock (not a divided version of CLKI) e.g. SH-3, SH-4.
Note
The CLKI
÷ 3 and CLKI ÷ 4 options may not work properly with bus interfaces with
short back-to-back cycle timing.
7.1.2 MCLK
MCLK provides the internal clock required to access the embedded SRAM. The S1D13706
is designed with efficient power saving control for clocks (clocks are turned off when not
used); reducing the frequency of MCLK does not necessarily save more power.
Furthermore, reducing the MCLK frequency relative to the BCLK frequency increases the
CPU cycle latency and so reduces screen update performance. For a balance of power
saving and performance, the MCLK should be configured to have a high enough frequency
setting to provide sufficient screen refresh as well as acceptable CPU cycle latency.
The source clock options for MCLK may be selected as in the following table.
Table 7-1: BCLK Clock Selection
Source Clock Options
BCLK Selection
CLKI
CNF[7:6] = 00
CLKI
÷2
CNF[7:6] = 01
CLKI
÷3
CNF[7:6] = 10
CLKI
÷4
CNF[7:6] = 11
Table 7-2: MCLK Clock Selection
Source Clock Options
MCLK Selection
BCLK
REG[04h] bit 5,4 = 00
BCLK
÷2
REG[04h] bit 5,4 = 01
BCLK
÷3
REG[04h] bit 5,4 = 10
BCLK
÷4
REG[04h] bit 5,4 = 11


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com