Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 9 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 9 Page - Epson Company

Back Button S1D13706 Datasheet HTML 5Page - Epson Company S1D13706 Datasheet HTML 6Page - Epson Company S1D13706 Datasheet HTML 7Page - Epson Company S1D13706 Datasheet HTML 8Page - Epson Company S1D13706 Datasheet HTML 9Page - Epson Company S1D13706 Datasheet HTML 10Page - Epson Company S1D13706 Datasheet HTML 11Page - Epson Company S1D13706 Datasheet HTML 12Page - Epson Company S1D13706 Datasheet HTML 13Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 152 page
background image
Epson Research and Development
Page 9
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
List of Figures
Figure 3-1: Typical System Diagram (Generic #1 Bus) . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 3-2: Typical System Diagram (Generic #2 Bus) . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 3-3: Typical System Diagram (Hitachi SH-4 Bus) . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 3-4: Typical System Diagram (Hitachi SH-3 Bus) . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 3-5: Typical System Diagram (MC68K # 1, Motorola 16-Bit 68000) . . . . . . . . . . . . . 16
Figure 3-6: Typical System Diagram (MC68K #2, Motorola 32-Bit 68030) . . . . . . . . . . . . . . 16
Figure 3-7: Typical System Diagram (Motorola REDCAP2 Bus) . . . . . . . . . . . . . . . . . . . 17
Figure 3-8: Typical System Diagram (Motorola MC68EZ328/MC68VZ328 “DragonBall” Bus) . . . 17
Figure 4-1: Pinout Diagram - TQFP15 - 100pin (S1D13706F00A) . . . . . . . . . . . . . . . . . . 18
Figure 4-2: Pinout Diagram - Die Form (S1D13706D00A) . . . . . . . . . . . . . . . . . . . . . . 19
Figure 6-1: Clock Input Requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 6-2: Generic #1 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 6-3: Generic #2 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 6-4: Hitachi SH-4 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 6-5: Hitachi SH-3 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 6-6: Motorola MC68K #1 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Figure 6-7: Motorola MC68K #2 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Figure 6-8: Motorola REDCAP2 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Figure 6-9: Motorola DragonBall Interface with DTACK Timing . . . . . . . . . . . . . . . . . . . 49
Figure 6-10: Motorola DragonBall Interface without DTACK# Timing . . . . . . . . . . . . . . . . 51
Figure 6-11: Passive/TFT Power-On Sequence Timing . . . . . . . . . . . . . . . . . . . . . . . . . 54
Figure 6-12: Passive/TFT Power-Off Sequence Timing . . . . . . . . . . . . . . . . . . . . . . . . . 55
Figure 6-13: Panel Timing Parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Figure 6-14: Generic STN Panel Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 6-15: Single Monochrome 4-Bit Panel Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 6-16: Single Monochrome 4-Bit Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 6-17: Single Monochrome 8-Bit Panel Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 62
Figure 6-18: Single Monochrome 8-Bit Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . 63
Figure 6-19: Single Color 4-Bit Panel Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Figure 6-20: Single Color 4-Bit Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . . . . .65
Figure 6-21: Single Color 8-Bit Panel Timing (Format 1) . . . . . . . . . . . . . . . . . . . . . . . . 66
Figure 6-22: Single Color 8-Bit Panel A.C. Timing (Format 1) . . . . . . . . . . . . . . . . . . . . . 67
Figure 6-23: Single Color 8-Bit Panel Timing (Format 2) . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 6-24: Single Color 8-Bit Panel A.C. Timing (Format 2) . . . . . . . . . . . . . . . . . . . . . 69
Figure 6-25: Single Color 16-Bit Panel Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
Figure 6-26: Single Color 16-Bit Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Figure 6-27: Generic TFT Panel Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com