Electronic Components Datasheet Search |
|
S1D13706 Datasheet(PDF) 81 Page - Epson Company |
|
|
S1D13706 Datasheet(HTML) 81 Page - Epson Company |
81 / 152 page Epson Research and Development Page 81 Vancouver Design Center Hardware Functional Specification S1D13706 Issue Date: 2004/02/09 X31B-A-001-09 1. Ts = pixel clock period 2. t1typ = (REG[22h] bits 7-0) + 1 3. t2typ = ((REG[12h] bits 6-0) + 1) x 8 4. t3typ = (REG[20h] bits 6-0) + 1 5. t7typ = ((REG[16h] bits 7-0) + 5) - ((REG[22h] bits 7-0) + 1) 6. t8typ = ((REG[14h] bits 6-0) + 1) x 8 Figure 6-33: 320x240 Sharp ‘Direct’ HR-TFT Panel Vertical Timing Table 6-26: 320x240 Sharp ‘Direct’ HR-TFT Panel Horizontal Timing Symbol Parameter Min Typ Max Units t1 FPLINE start position 14 Ts (note 1) t2 Horizontal total period 400 440 Ts t3 FPLINE width 1 Ts t4 FPSHIFT period 1 Ts t5 Data setup to FPSHIFT rising edge 0.5 Ts t6 Data hold from FPSHIFT rising edge 0.5 Ts t7 Horizontal display start position 60 Ts t8 Horizontal display period 320 Ts t9 FPLINE rising edge to GPIO3 rising edge 59 Ts t10 GPIO3 pulse width 1 Ts t11 GPIO1(GPIO0) pulse width 353 Ts t12 GPIO1 rising edge (GPIO0 falling edge) to FPLINE rise edge 5 Ts t13 GPIO2 toggle edge to FPLINE rise edge 11 Ts Table 6-27: 320x240 Sharp ‘Direct’ HR-TFT Panel Vertical Timing Symbol Parameter Min Typ Max Units t1 Vertical total period 245 330 Lines t2 Vertical display start position 4 Lines t3 Vertical display period 240 Lines t4 Vertical sync pulse width 2 Lines t1 t4 FPFRAME t2 t3 LINE1 LINE2 LINE240 FPDAT[17:0] (SPS) |
Similar Part No. - S1D13706 |
|
Similar Description - S1D13706 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |