Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 75 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 75 Page - Epson Company

Back Button S1D13706 Datasheet HTML 71Page - Epson Company S1D13706 Datasheet HTML 72Page - Epson Company S1D13706 Datasheet HTML 73Page - Epson Company S1D13706 Datasheet HTML 74Page - Epson Company S1D13706 Datasheet HTML 75Page - Epson Company S1D13706 Datasheet HTML 76Page - Epson Company S1D13706 Datasheet HTML 77Page - Epson Company S1D13706 Datasheet HTML 78Page - Epson Company S1D13706 Datasheet HTML 79Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 152 page
background image
Epson Research and Development
Page 75
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
1.
Ts
= pixel clock period
2.
t6min
= HDPS - HPS
if negative add HT
3.
t8min
= HPS - (HDP + HDPS)
if negative add HT
Table 6-23: TFT A.C. Timing
Symbol
Parameter
Min
Typ
Max
Units
t1
FPFRAME cycle time
VT
Lines
t2
FPFRAME pulse width low
VPW
Lines
t3
FPFRAME falling edge to FPLINE falling edge phase difference
HPS
Ts (note 1)
t4
FPLINE cycle time
HT
Ts
t5
FPLINE pulse width low
HPW
Ts
t6
FPLINE Falling edge to DRDY active
note 2
250
Ts
t7
DRDY pulse width
HDP
Ts
t8
DRDY falling edge to FPLINE falling edge
note 3
Ts
t9
FPSHIFT period
1
Ts
t10
FPSHIFT pulse width high
0.5
Ts
t11
FPSHIFT pulse width low
0.5
Ts
t12
FPLINE setup to FPSHIFT falling edge
0.5
Ts
t13
DRDY to FPSHIFT falling edge setup time
0.5
Ts
t14
DRDY hold from FPSHIFT falling edge
0.5
Ts
t15
Data setup to FPSHIFT falling edge
0.5
Ts
t16
Data hold from FPSHIFT falling edge
0.5
Ts


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com