Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 72 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 72 Page - Epson Company

Back Button S1D13706 Datasheet HTML 68Page - Epson Company S1D13706 Datasheet HTML 69Page - Epson Company S1D13706 Datasheet HTML 70Page - Epson Company S1D13706 Datasheet HTML 71Page - Epson Company S1D13706 Datasheet HTML 72Page - Epson Company S1D13706 Datasheet HTML 73Page - Epson Company S1D13706 Datasheet HTML 74Page - Epson Company S1D13706 Datasheet HTML 75Page - Epson Company S1D13706 Datasheet HTML 76Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 152 page
background image
Page 72
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
6.4.8 Generic TFT Panel Timing
Figure 6-27: Generic TFT Panel Timing
VT
= Vertical Total
= [(REG[19h] bits 1-0, REG[18h] bits 7-0) + 1] lines
VPS
= FPFRAME Pulse Start Position
= (REG[27h] bits 1-0, REG[26h] bits 7-0) lines
VPW
= FPFRAME Pulse Width
= [(REG[24h] bits 2-0) + 1] lines
VDPS
= Vertical Display Period Start Position
= (REG[1Fh] bits 1-0, REG[1Eh] bits 7-0) lines
VDP
= Vertical Display Period
= [(REG[1Dh] bits 1-0, REG[1Ch] bits 7-0) + 1] lines
HT
= Horizontal Total
= [((REG[12h] bits 6-0) + 1) x 8] pixels
HPS
= FPLINE Pulse Start Position
= [(REG[23h] bits 1-0, REG[22h] bits 7-0) + 1] pixels
HPW
= FPLINE Pulse Width
= [(REG[20h] bits 6-0) + 1] pixels
HDPS
= Horizontal Display Period Start Position = [(REG[17h] bits 1-0, REG[16h] bits 7-0) + 5] pixels
HDP
= Horizontal Display Period
= [((REG[14h] bits 6-0) + 1) x 8] pixels
*For TFT panels, the HDP must be a minimum of 8 pixels and must be increased by multiples of 8.
*Panel Type Bits (REG[10h] bits 1-0) = 01 (TFT)
*FPLINE Pulse Polarity Bit (REG[24h] bit 7) = 0 (active low)
*FPFRAME Polarity Bit (REG[20h] bit 7) = 0 (active low)
FPFRAME
VT (= 1 Frame)
DRDY
FPLINE
DRDY
FPLINE
VDPS
VPS
VPW
VDP
HT (= 1 Line)
HPS
HDPS
HDP
FPDAT[17:0]
FPDAT[17:0]
invalid
invalid
FPSHIFT
HPW


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com