Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 70 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 70 Page - Epson Company

Back Button S1D13706 Datasheet HTML 66Page - Epson Company S1D13706 Datasheet HTML 67Page - Epson Company S1D13706 Datasheet HTML 68Page - Epson Company S1D13706 Datasheet HTML 69Page - Epson Company S1D13706 Datasheet HTML 70Page - Epson Company S1D13706 Datasheet HTML 71Page - Epson Company S1D13706 Datasheet HTML 72Page - Epson Company S1D13706 Datasheet HTML 73Page - Epson Company S1D13706 Datasheet HTML 74Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 152 page
background image
Page 70
Epson Research and Development
Vancouver Design Center
S1D13706
Hardware Functional Specification
X31B-A-001-09
Issue Date: 2004/02/09
6.4.7 Single Color 16-Bit Panel Timing
Figure 6-25: Single Color 16-Bit Panel Timing
VDP
= Vertical Display Period
= (REG[1Dh] bits 1-0, REG[1Ch] bits 7-0) + 1 Lines
VNDP
= Vertical Non-Display Period
= VT - VDP
= (REG[19h] bits 1-0, REG[18h] bits 7-0) - (REG[1Dh] bits 1-0, REG[1Ch] bits 7-0) Lines
HDP
= Horizontal Display Period
= ((REG[14h] bits 6-0) + 1) x 8Ts
HNDP
= Horizontal Non-Display Period
= HT - HDP
= (((REG[12h] bits 6-0) + 1) x 8Ts) - (((REG[14h] bits 6-0) + 1) x 8Ts)
VDP
FPLINE
FPSHIFT
LINE1
LINE2
LINE3
LINE4
LINE479
LINE480
FPFRAME
LINE1
LINE2
FPLINE
DRDY (MOD)
DRDY (MOD)
VNDP
HDP
1-R1
1-G6
1-G635
1-B1
1-R7
1-G636
1-G2
1-B7
1-R637
1-R3
1-G8
1-B637
1-B3
1-R9
1-G638
1-G4
1-B9
1-R639
1-R5
1-G10
1-B639
1-G1
1-B6
1-R636
1-R2
1-G7
1-B636
1-B2
1-R8
1-G637
1-G3
1-B8
1-R638
1-R4
1-G9
1-B638
1-B4
1-R10
1-G639
1-G5
1-B10
1-R640
1-R6
1-G11
1-B640
1-B11
1-G12
1-R13
1-B13
1-G14
1-R15
1-B15
1-R12
1-B12
1-G13
1-R14
1-B14
1-G15
1-R16
1-B16
1-B5
1-R11
1-G640
1-G16
HNDP
- Diagram drawn with 2 FPLINE vertical blank period
- Example timing for a 640x480 panel
FPDAT[15:0]
FPDAT15
FPDAT9
FPDAT8
FPDAT3
FPDAT2
FPDAT1
FPDAT0
FPDAT5
FPDAT4
FPDAT11
FPDAT10
FPDAT12
FPDAT7
FPDAT6
FPDAT13
FPDAT14
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
Invalid
-
3Ts
3Ts
3Ts
3Ts
3Ts
3Ts
3Ts
3Ts
3Ts
2Ts
2Ts
2Ts
2Ts
3Ts
3Ts
3Ts
2Ts
3Ts
3Ts
2Ts
Notes:
- Ts = Pixel clock period (PCLK)
- The duty cycle of FPSHIFT changes in order to process 16 pixels in 3 FPSHIFT rising clocks


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com