Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 7 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 7 Page - Epson Company

Back Button S1D13706 Datasheet HTML 3Page - Epson Company S1D13706 Datasheet HTML 4Page - Epson Company S1D13706 Datasheet HTML 5Page - Epson Company S1D13706 Datasheet HTML 6Page - Epson Company S1D13706 Datasheet HTML 7Page - Epson Company S1D13706 Datasheet HTML 8Page - Epson Company S1D13706 Datasheet HTML 9Page - Epson Company S1D13706 Datasheet HTML 10Page - Epson Company S1D13706 Datasheet HTML 11Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 152 page
background image
Epson Research and Development
Page 7
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
List of Tables
Table 4-1: Pinout Assignments - Die Form (S1D13706D00A) . . . . . . . . . . . . . . . . . . . . 20
Table 4-2: Host Interface Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 4-3: LCD Interface Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Table 4-4: Clock Input Pin Descriptions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 4-5: Miscellaneous Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 4-6: Power And Ground Pin Descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 4-7: Summary of Power-On/Reset Options . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 4-8: Host Bus Interface Pin Mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 4-9: LCD Interface Pin Mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 5-1: Absolute Maximum Ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 5-2: Recommended Operating Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Table 5-3: Electrical Characteristics for VDD = 3.3V typical . . . . . . . . . . . . . . . . . . . . . 31
Table 6-1: Clock Input Requirements for CLKI when CLKI to BCLK divide > 1 . . . . . . . . . . 32
Table 6-2: Clock Input Requirements for CLKI when CLKI to BCLK divide = 1 . . . . . . . . . . 33
Table 6-3: Clock Input Requirements for CLKI2 . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 6-4: Internal Clock Requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 6-5: Generic #1 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 6-6: Generic #2 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 6-7: Hitachi SH-4 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Table 6-8: Hitachi SH-3 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 6-9:
Motorola MC68K #1 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 6-10: Motorola MC68K #2 Interface Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 6-11: Motorola REDCAP2 Interface Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Table 6-12: Motorola DragonBall Interface with DTACK Timing . . . . . . . . . . . . . . . . . . . 50
Table 6-13: Motorola DragonBall Interface without DTACK Timing . . . . . . . . . . . . . . . . . 52
Table 6-14: Passive/TFT Power-On Sequence Timing . . . . . . . . . . . . . . . . . . . . . . . . . 54
Table 6-15: Passive/TFT Power-Off Sequence Timing . . . . . . . . . . . . . . . . . . . . . . . . . 55
Table 6-16: Panel Timing Parameter Definition and Register Summary . . . . . . . . . . . . . . . . 57
Table 6-17: Single Monochrome 4-Bit Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . 61
Table 6-18: Single Monochrome 8-Bit Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . 63
Table 6-19: Single Color 4-Bit Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 6-20: Single Color 8-Bit Panel A.C. Timing (Format 1) . . . . . . . . . . . . . . . . . . . . . 67
Table 6-21: Single Color 8-Bit Panel A.C. Timing (Format 2) . . . . . . . . . . . . . . . . . . . . . 69
Table 6-22: Single Color 16-Bit Panel A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Table 6-23: TFT A.C. Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Table 6-24: 160x160 Sharp ‘Direct’ HR-TFT Horizontal Timing . . . . . . . . . . . . . . . . . . . 77
Table 6-25: 160x160 Sharp ‘Direct’ HR-TFT Panel Vertical Timing . . . . . . . . . . . . . . . . . 79


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
SED1374 Embedded Memory Color LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
Embedded Memory Graphics LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
SED1355 Embedded RAMDAC LCD/CRT Controller
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
S1D13806 Embedded Memory Display Controller
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
Embedded Memory LCD Controller
logo
Epson Company
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
Embedded Memory Graphics LCD Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com