Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1D13706 Datasheet(PDF) 69 Page - Epson Company

Part # S1D13706
Description  S1D13706 Embedded Memory LCD Controller
Download  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1D13706 Datasheet(HTML) 69 Page - Epson Company

Back Button S1D13706 Datasheet HTML 65Page - Epson Company S1D13706 Datasheet HTML 66Page - Epson Company S1D13706 Datasheet HTML 67Page - Epson Company S1D13706 Datasheet HTML 68Page - Epson Company S1D13706 Datasheet HTML 69Page - Epson Company S1D13706 Datasheet HTML 70Page - Epson Company S1D13706 Datasheet HTML 71Page - Epson Company S1D13706 Datasheet HTML 72Page - Epson Company S1D13706 Datasheet HTML 73Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 152 page
background image
Epson Research and Development
Page 69
Vancouver Design Center
Hardware Functional Specification
S1D13706
Issue Date: 2004/02/09
X31B-A-001-09
Figure 6-24: Single Color 8-Bit Panel A.C. Timing (Format 2)
1.
Ts
= pixel clock period
2.
t1min
= HPS + t4min
3.
t2min
= t3min - (HPS + t4min)
4.
t3min
= HT
5.
t4min
= HPW
6.
t5min
= HPS - 1
7.
t6min
= HPS - (HDP + HDPS) + 1, if negative add t3min
8.
t14min = HDPS - (HPS + t4min), if negative add t3min
Table 6-21: Single Color 8-Bit Panel A.C. Timing (Format 2)
Symbol
Parameter
Min
Typ
Max
Units
t1
FPFRAME setup to FPLINE falling edge
note 2
Ts (note 1)
t2
FPFRAME hold from FPLINE falling edge
note 3
Ts
t3
FPLINE period
note 4
Ts
t4
FPLINE pulse width
note 5
Ts
t5
MOD transition to FPLINE rising edge
note 6
Ts
t6
FPSHIFT falling edge to FPLINE rising edge
note 7
Ts
t7
FPSHIFT falling edge to FPLINE falling edge
t6 + t4
Ts
t8
FPLINE falling edge to FPSHIFT falling edge
t14 + 2
Ts
t9
FPSHIFT period
2
Ts
t10
FPSHIFT pulse width low
1
Ts
t11
FPSHIFT pulse width high
1
Ts
t12
FPDAT[7:0] setup to FPSHIFT falling edge
1
Ts
t13
FPDAT[7:0] hold to FPSHIFT falling edge
1
Ts
t14
FPLINE falling edge to FPSHIFT rising edge
note 8
Ts
t14
t10
t11
t12
t13
Data Timing
FPFRAME
t1
t2
t3
t5
t4
FPLINE
DRDY (MOD)
Sync Timing
FPLINE
FPSHIFT
t8
t9
12
t7
t6
FPDAT[7:0]


Similar Part No. - S1D13706

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1D13706B00A EPSON-S1D13706B00A Datasheet
535Kb / 94P
   LCD Controller ICs
S1D13706F00A EPSON-S1D13706F00A Datasheet
535Kb / 94P
   LCD Controller ICs
More results

Similar Description - S1D13706

ManufacturerPart #DatasheetDescription
logo
EPCOS
S1D13705F00A200 EPCOS-S1D13705F00A200 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
logo
Epson Company
S1D13705 EPSON-S1D13705 Datasheet
4Mb / 562P
   Embedded Memory LCD Controller
S1D13709 EPSON-S1D13709 Datasheet
94Kb / 2P
   Embedded Memory Graphics LCD Controller
S1D13700 EPSON-S1D13700 Datasheet
1,000Kb / 134P
   Embedded Memory Graphics LCD Controller
SED1374 EPSON-SED1374 Datasheet
1Mb / 420P
   SED1374 Embedded Memory Color LCD Controller
logo
OKI electronic componet...
ML87V3104 OKI-ML87V3104 Datasheet
444Kb / 69P
   LCD Display Controller with Embedded Display Memory
logo
Epson Company
S1D13806 EPSON-S1D13806 Datasheet
6Mb / 730P
   S1D13806 Embedded Memory Display Controller
S1D13505 EPSON-S1D13505 Datasheet
4Mb / 565P
   S1D13505 Embedded RANMAC LCD/CRT Controller
SED1355 EPSON-SED1355 Datasheet
2Mb / 510P
   SED1355 Embedded RAMDAC LCD/CRT Controller
logo
List of Unclassifed Man...
SSD1963 ETC2-SSD1963 Datasheet
963Kb / 93P
   1215KB Embedded Display SRAM LCD Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com