Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V680-D1KP52MBTX1 Datasheet(PDF) 51 Page - Omron Electronics LLC

Part # V680-D1KP52MBTX1
Description  RFID Systems with ISO/IEC 18000-3(15693) Compliance
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V680-D1KP52MBTX1 Datasheet(HTML) 51 Page - Omron Electronics LLC

Back Button V680-D1KP52MBTX1 Datasheet HTML 47Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 48Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 49Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 50Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 51Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 52Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 53Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 54Page - Omron Electronics LLC V680-D1KP52MBTX1 Datasheet HTML 55Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
51
V680 Series
Antenna with Detachable Amplifier Unit
V680-D1KP58HTN
60 dia.
80 dia.
14 dia.
1.25
7.5
10±0.2
(5°)
(5°)
2-R1
Coating
PPS resin
M10-P1.5
C1.5
8.4 dia.
(19.6)
17
10
0.1
21.6
9.5
15-30°
V680-D1KP52M-BT01
V680-D2KF52M-BT01
M8-P1.25
C1.5
6 dia.
(15)
13
10
0.1
19.1
7
15-30°
V680-D1KP52M-BT11
V680-D2KF52M-BT11
30
50
37
Insulated cover
5.5-dia. coaxial cable
Ferrite core
Connector
16.8 dia.
16.5 dia.
65
47.6
57
50
7
35 dia.
22.5 dia.
Two toothed washers
Two mounting nuts
Operation indicator
M22×1
30
14.5 dia.
19.8 dia.
Mounting Hole Dimensions
L
V680-HS52-W
Cable length
L dimension
2 m
2,000 +100
−50
12.5 m
12,500 +200
−50
Case material
Brass
Communication
surface
ABS resin
Filling
Epoxy resin
Cable
PVC
30
50
Insulated cover
5.3-dia. coaxial cable
Ferrite core
16.8 dia.
16.5 dia.
65
47.6
57
50
7
19.8 dia.
Two toothed washers
Two mounting nuts
Operation indicator
20
Connector
14.5 dia.
10
M22×1
35 dia.
22.5 dia.
30
Mounting Hole Dimensions
L
V680-HS52-R
Cable length
L dimension
2 m
2,000 +100
−50
12.5 m
12,500 +200
−50
Case material
Brass
Communication
surface
ABS resin
Filling
Epoxy resin
Cable
PVC
V680-HS51
Case material
Brass
Communication
surface
ABS resin
Filling
Epoxy resin
Cable
PVC
2,000
+200
-50
12.5 dia.
21 dia.
17
M12×1
Toothed washer
Two mounting
nuts
7
12.8
24
33
25
50
Ferrite core
26.2
Connector
Insulated
cover
Coaxial cable, 2.9 dia.,
Standard length: 2 m
35
Mounting Hole Dimensions
9.6 dia.
12
(14.5 dia.) (16.8 dia.)


Similar Part No. - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V680-CH1D OMRON-V680-CH1D Datasheet
1Mb / 2P
   V680 RFID Handheld Reader Writer
More results

Similar Description - V680-D1KP52MBTX1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWM600 ETC1-RWM600 Datasheet
123Kb / 1P
   ISO/IEC 15693 READER MODULE
logo
WJ Communication. Inc.
WJR7090 WJCI-WJR7090 Datasheet
348Kb / 4P
   Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
logo
Fujitsu Component Limit...
MB89R118 FUJITSU-MB89R118 Datasheet
401Kb / 45P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R118 FUJITSU-MB89R118_06 Datasheet
486Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
MB89R118C FUJITSU-MB89R118C Datasheet
249Kb / 48P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID family
MB89R119 FUJITSU-MB89R119 Datasheet
691Kb / 44P
   ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
logo
STMicroelectronics
LRIS64K STMICROELECTRONICS-LRIS64K Datasheet
710Kb / 100P
   64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
logo
AMIC Technology
A9211B AMICC-A9211B Datasheet
266Kb / 15P
   ISO/IEC 14443A RFID TAG IC
A9213A AMICC-A9213A Datasheet
112Kb / 12P
   ISO/IEC 14443A RFID TAG IC
logo
Maxim Integrated Produc...
MAX66901EVKIT MAXIM-MAX66901EVKIT Datasheet
573Kb / 4P
   High-Frequency Developers Kit for ISO 14443B and ISO 15693 RFID Keys
Rev 1; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com